Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2900314 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2900314
Description  PLC-RPIT-120UC/ 1AU/SEN
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2900314 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2900314 Datasheet HTML 1Page - PHOENIX CONTACT 2900314 Datasheet HTML 2Page - PHOENIX CONTACT 2900314 Datasheet HTML 3Page - PHOENIX CONTACT 2900314 Datasheet HTML 4Page - PHOENIX CONTACT 2900314 Datasheet HTML 5Page - PHOENIX CONTACT 2900314 Datasheet HTML 6Page - PHOENIX CONTACT 2900314 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PLC-RPIT-120UC/ 1AU/SEN Order No.: 2900314
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2900314
PHOENIX CONTACT Inc., USA
Page 2 / 7
http://www.phoenixcon.com
Aug 24, 2011
Typical response time
6 ms
Typical release time
15 ms
Operating voltage display
Yellow LED
Protective circuit
Bridge rectifier Bridge rectifier
Contact side
Contact type
Single contact, 1 N/O contact
Contact material
AgSnO, hard gold-plated
Maximum switching voltage
30 V AC
36 V DC
Minimum switching voltage
100 mV (at 10 mA)
Maximum inrush current
50 mA
Min. switching current
1 mA (at 24 V)
Limiting continuous current
50 mA
Interrupting rating (ohmic load) max.
1 W (at 24 V DC)
Note
the following values are applicable if a gold layer is
destroyed
Maximum switching voltage
250 V AC/DC
Minimum switching voltage
5 V (at 100 mA)
Limiting continuous current
6 A
Min. switching current
10 mA (at 12 V)
Interrupting rating (ohmic load) max.
140 W (at 24 V DC)
20 W (for 48 V DC)
18 W (for 60 V DC)
23 W (for 110 V DC)
40 W (for 220 V DC)
1500 VA (for 250 V AC)
General data
Width
6.2 mm
Height
80 mm
Depth
94 mm
Test voltage relay winding/relay contact
4 kV AC (50 Hz, 1 min.)
Ambient temperature (operation)
-40 °C ... 60 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Operating mode
100% operating factor
Mechanical service life
2 x 107 cycles


Similar Part No. - 2900314

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
290031 EATON-290031 Datasheet
1Mb / 36P
   Surge Protection
logo
PHOENIX CONTACT
2900310 PHOENIX-2900310 Datasheet
87Kb / 6P
   Relay Module - PLC-RPT-120UC/21AU
2900311 PHOENIX-2900311 Datasheet
87Kb / 6P
   Relay Module - PLC-RPT-230UC/21AU
2900312 PHOENIX-2900312 Datasheet
169Kb / 7P
   PLC-RPIT- 24DC/ 1/ACT
2900313 PHOENIX-2900313 Datasheet
173Kb / 7P
   PLC-RPIT- 24DC/ 1AU/SEN
More results

Similar Description - 2900314

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900313 PHOENIX-2900313 Datasheet
173Kb / 7P
   PLC-RPIT- 24DC/ 1AU/SEN
2966320 PHOENIX-2966320 Datasheet
98Kb / 6P
   Relay Module - PLC-RSC-120UC/ 1AU/SEN
2980759 PHOENIX-2980759 Datasheet
62Kb / 2P
   Relay Module - PLC-RSC- 48DC/ 1AU/SEN
2307497 PHOENIX-2307497 Datasheet
57Kb / 3P
   Relay - PLC-RSC-120UC/ 2AU/SEN
2966317 PHOENIX-2966317 Datasheet
98Kb / 6P
   Relay Module - PLC-RSC- 24DC/ 1AU/SEN
2966333 PHOENIX-2966333 Datasheet
96Kb / 6P
   Relay Module - PLC-RSC-230UC/ 1AU/SEN
2900315 PHOENIX-2900315 Datasheet
92Kb / 6P
   Relay Module - PLC-RPT-230UC/ 1AU/SEN
2966074 PHOENIX-2966074 Datasheet
71Kb / 3P
   Relay base - PLC-BSC-120UC/ 1/SEN
2966249 PHOENIX-2966249 Datasheet
84Kb / 5P
   Relay Module - PLC-RSC-120UC/ 1/SEN
2900451 PHOENIX-2900451 Datasheet
433Kb / 14P
   Relay base - PLC-BPT-120UC/ 1/SEN
10/27/2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com