Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

648LP6E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # 648LP6E
Description  GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

648LP6E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  648LP6E Datasheet HTML 1Page - Hittite Microwave Corporation 648LP6E Datasheet HTML 2Page - Hittite Microwave Corporation 648LP6E Datasheet HTML 3Page - Hittite Microwave Corporation 648LP6E Datasheet HTML 4Page - Hittite Microwave Corporation 648LP6E Datasheet HTML 5Page - Hittite Microwave Corporation 648LP6E Datasheet HTML 6Page - Hittite Microwave Corporation 648LP6E Datasheet HTML 7Page - Hittite Microwave Corporation 648LP6E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10 - 49
Pin Number
Function
Description
Interface Schematic
1
Vdd
Voltage supply.
2, 20
GND
These pins and exposed ground paddle
must be connected to RF/DC ground.
3
RFIN
This port is DC coupled and matched to 50 Ohms.
4 - 18
N/C
The pins are not connected internally; however, all data
shown herein was measured with these pins connected to
RF/DC ground externally.
19
RFOUT
This port is DC coupled and matched to 50 Ohms.
22 - 24,
26 - 28
BIT6, BIT5, BIT4,
BIT3, BIT2, BIT1
Control Input. See truth table
and control voltage tables.
25
Vss
Voltage supply.
Pin Descriptions
HMC648LP6 / 648LP6E
v03.1109
GaAs MMIC 6-BIT DIGITAL
PHASE SHIFTER, 2.9 - 3.9 GHz


Similar Part No. - 648LP6E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
648 LITTELFUSE-648 Datasheet
113Kb / 1P
   MINIATURE FUSEHOLDERS
logo
List of Unclassifed Man...
648.S ETC2-648.S Datasheet
3Mb / 4P
   General Purpose Tweezers
648.SA ETC2-648.SA Datasheet
3Mb / 4P
   General Purpose Tweezers
logo
Littelfuse
64800001009 LITTELFUSE-64800001009 Datasheet
202Kb / 1P
   646 Series Molded Base Fuse Block For 5횞20mm Fuses
Revised: GD. 06/03/22
logo
Pomona Electronics
6481 POMONA-6481 Datasheet
150Kb / 3P
   Test Connector Adapter Set
More results

Similar Description - 648LP6E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC648LP6 HITTITE-HMC648LP6 Datasheet
297Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
logo
Analog Devices
HMC648ALP6E AD-HMC648ALP6E Datasheet
573Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
logo
Hittite Microwave Corpo...
HMC648 HITTITE-HMC648 Datasheet
258Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
HMC648 HITTITE-HMC648_09 Datasheet
197Kb / 6P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
HMC649LP6 HITTITE-HMC649LP6 Datasheet
349Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC649LP6 HITTITE-HMC649LP6_08 Datasheet
276Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC649 HITTITE-HMC649_09 Datasheet
221Kb / 6P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
Analog Devices
HMC649ALP6E AD-HMC649ALP6E Datasheet
448Kb / 6P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
Hittite Microwave Corpo...
HMC649 HITTITE-HMC649 Datasheet
307Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC647 HITTITE-HMC647 Datasheet
248Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com