Part Name
         Description
HMC647LP6

 GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz ( 8 Page)


HITTITE
100% 
Zoom Out Zoom In
   
 6 page
background image
9
9 - 45
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1
Vdd
Voltage supply.
2, 20
GND
These pins and exposed ground paddle
must be connected to RF/DC ground.
3
RFIN
This port is DC coupled and matched to 50 Ohms.
4 - 18
N/C
No connection required. These pins may be connected to
RF/DC ground without affecting performance.
19
RFOUT
This port is DC coupled and matched to 50 Ohms.
22 - 24,
26 - 28
BIT6, BIT5, BIT4,
BIT3, BIT2, BIT1
Control Input. See truth table
and control voltage tables.
25
Vss
Voltage supply.
Pin Descriptions
v01.0208
HMC647LP6 / 647LP6E
GaAs MMIC 6-BIT DIGITAL
PHASE SHIFTER, 2.5 - 3.1 GHz



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl