Part Name
         Description
HMC641LP4E

 GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz ( 6 Page)


HITTITE
100% 
Zoom Out Zoom In
   
 3 page
background image
11
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11 - 3
HMC641LP4E
v01.0910
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 20 GHz
Truth Table
Absolute Maximum Ratings
Bias Voltage & Current
Control Input
Signal Path State
CTRLA
CTRLB
RFC to:
High
High
RF1
Low
High
RF2
High
Low
RF3
Low
Low
RF4
Vss Range = -5 Vdc ±10%
Vss
(Vdc)
Iss (Typ)
(mA)
Iss (Max)
(mA)
-5
1.7
5.0
Bias Voltage (Vss)
-7V
Control Voltage Range (A & B)
Vss -1V to +1V
Maximum Input Power
+24 dBm
Channel Temperature
150 °C
Thermal Resistance
Channel to ground paddle (Insertion Loss Path)
199 °C/W
Thermal Resistance
Channel to ground paddle (Terminated Path)
219 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
TTL/CMOS Control Voltages
State
Bias Condition
Low
-2.5V to 0V @ 30 µA Typ.
High
-5V to -3.8V @ 1.7 µA Typ.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Input Third Order Intercept
(Low Frequency Detail)
15
20
25
30
35
40
45
50
0
0.2
0.4
0.6
0.8
1
FREQUENCY (GHz)



Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl