Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC641LC4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC641LC4
Description  GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC641LC4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC641LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC641LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC641LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC641LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC641LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC641LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
11
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11 - 4
Outline Drawing
HMC641LC4
v00.0609
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 20 GHz
NOteS:
1. PAcKAGe BODY MAteRiAL: ALUMiNA
2. LeAD AND GROUND PADDLe PLAtiNG: 30-80 MicROiNcheS GOLD OVeR
50 MicROiNcheS MiNiMUM NicKeL.
3. DiMeNSiONS ARe iN iNcheS [MiLLiMeteRS].
4. LeAD SPAciNG tOLeRANce iS NON-cUMULAtiVe
5. PAcKAGe wARP ShALL NOt eXceeD 0.05mm DAtUM -c-
6. ALL GROUND LeADS AND GROUND PADDLe MUSt Be SOLDeReD
tO PcB RF GROUND.
7. cLASSiFieD AS MOiStURe SeNSitiVitY LeVeL (MSL) 1.


Similar Part No. - HMC641LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC641LC4 HITTITE-HMC641LC4 Datasheet
174Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
More results

Similar Description - HMC641LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Analog Devices
HMC641ALC4 AD-HMC641ALC4 Datasheet
466Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Hittite Microwave Corpo...
HMC641LP4E HITTITE-HMC641LP4E Datasheet
629Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC182S14 HITTITE-HMC182S14_08 Datasheet
204Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
HMC641 HITTITE-HMC641 Datasheet
169Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC244G16 HITTITE-HMC244G16_06 Datasheet
266Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC344LH5 HITTITE-HMC344LH5 Datasheet
304Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 12 GHz
HMC344 HITTITE-HMC344_06 Datasheet
211Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LP3 HITTITE-HMC344LP3_06 Datasheet
307Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com