Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC641 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC641
Description  GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 18 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC641 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC641 Datasheet HTML 1Page - Hittite Microwave Corporation HMC641 Datasheet HTML 2Page - Hittite Microwave Corporation HMC641 Datasheet HTML 3Page - Hittite Microwave Corporation HMC641 Datasheet HTML 4Page - Hittite Microwave Corporation HMC641 Datasheet HTML 5Page - Hittite Microwave Corporation HMC641 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4
4 - 43
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Assembly Diagram
HMC641
v01.0108
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 18 GHz


Similar Part No. - HMC641

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC641A AD-HMC641A Datasheet
296Kb / 10P
   0.1 GHz to 18 GHz, GaAs SP4T Switch
HMC641A-SX AD-HMC641A-SX Datasheet
296Kb / 10P
   0.1 GHz to 18 GHz, GaAs SP4T Switch
HMC641ALC4 AD-HMC641ALC4 Datasheet
466Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC641ALP4E AD-HMC641ALP4E Datasheet
518Kb / 11P
   0.1 GHz to 20 GHz GaAs, Nonreflective, SP4T Switch
HMC641ALP4ETR AD-HMC641ALP4ETR Datasheet
518Kb / 11P
   0.1 GHz to 20 GHz GaAs, Nonreflective, SP4T Switch
More results

Similar Description - HMC641

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC182S14 HITTITE-HMC182S14_08 Datasheet
204Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
HMC244G16 HITTITE-HMC244G16_06 Datasheet
266Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC344LH5 HITTITE-HMC344LH5 Datasheet
304Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 12 GHz
logo
Analog Devices
HMC641ALC4 AD-HMC641ALC4 Datasheet
466Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Hittite Microwave Corpo...
HMC344 HITTITE-HMC344_06 Datasheet
211Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LP3 HITTITE-HMC344LP3_06 Datasheet
307Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC182S14 HITTITE-HMC182S14 Datasheet
190Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2.0 GHz
HMC344LP3 HITTITE-HMC344LP3 Datasheet
224Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com