Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC637LP5E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC637LP5E
Description  GaAs MESFET MMIC 1 WATT POWER AMPLIFIER, DC - 6 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC637LP5E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC637LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC637LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC637LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC637LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC637LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC637LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC637LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC637LP5E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
9 - 2
Output Return Loss vs. Temperature
Gain & Return Loss
Gain vs. Temperature
Reverse Isolation vs. Temperature
Input Return Loss vs. Temperature
Noise Figure vs. Temperature
HMC637LP5 / 637LP5E
v02.0709
GaAs MESFET MMIC 1 WATT
POWER AMPLIFIER, DC - 6 GHz
2
4
6
8
10
12
0
2
4
6
8
+25C
+85C
-40C
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
0
2
4
6
8
+25C
+85C
-40C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
+25C
+85C
-40C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
+25C
+85C
-40C
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
0
2
4
6
8
+25C
+85C
-40C
FREQUENCY (GHz)
-30
-20
-10
0
10
20
0
2
4
6
8
S21
S11
S22
FREQUENCY (GHz)


Similar Part No. - HMC637LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC637LP5E AD-HMC637LP5E Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC637LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC637 HITTITE-HMC637 Datasheet
609Kb / 8P
   GaAs MESFET MMIC 1 WATT POWER AMPLIFIER, DC - 6 GHz
HMC590 HITTITE-HMC590_09 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6 - 10 GHz
HMC797 HITTITE-HMC797 Datasheet
590Kb / 10P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
HMC797LP5E HITTITE-HMC797LP5E Datasheet
570Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
logo
Analog Devices
HMC797A AD-HMC797A Datasheet
834Kb / 16P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
logo
Hittite Microwave Corpo...
HMC755LP4 HITTITE-HMC755LP4_09 Datasheet
318Kb / 8P
   GaAs MMIC 1 WATT POWER AMPLIFIER, 2.3 - 2.8 GHz
HMC755LP4E HITTITE-HMC755LP4E_10 Datasheet
1Mb / 8P
   GaAs MMIC 1 WATT POWER AMPLIFIER, 2.3 - 2.8 GHz
logo
Analog Devices
HMC637A AD-HMC637A Datasheet
374Kb / 8P
   GaAs MMIC 1 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC591 HITTITE-HMC591_09 Datasheet
298Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6 - 10 GHz
HMC1022 HITTITE-HMC1022 Datasheet
683Kb / 10P
   GaAs pHEMT MMIC 0.25 WATT POWER AMPLIFIER, DC - 48 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com