Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC636ST89E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC636ST89E
Description  GaAs pHEMT High Linearity Gain Block, 0.2 - 4.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC636ST89E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC636ST89E Datasheet HTML 1Page - Hittite Microwave Corporation HMC636ST89E Datasheet HTML 2Page - Hittite Microwave Corporation HMC636ST89E Datasheet HTML 3Page - Hittite Microwave Corporation HMC636ST89E Datasheet HTML 4Page - Hittite Microwave Corporation HMC636ST89E Datasheet HTML 5Page - Hittite Microwave Corporation HMC636ST89E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
9 - 5
Application Circuit
pin Descriptions
pin number
function
Description
interface schematic
1
rfin
This pin is DC coupled. An off-chip
DC blocking capacitor is required.
3
rfoUT
rf output and DC BiAs for the amplifier.
see Application Circuit for off-chip components.
2, 4
GnD
These pins and package bottom must
be connected to rf/DC ground.
HMC636ST89 / 636ST89E
v02.0311
GaAs pHEMT HiGH LinEAriTy
Gain Block, 0.2 - 4.0 GHz


Similar Part No. - HMC636ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC636ST89E HITTITE-HMC636ST89E Datasheet
231Kb / 6P
   GaAs PHEMT HIGH LINEARITY Gain Block, 0.2 - 4.0 GHz
logo
Analog Devices
HMC636ST89E AD-HMC636ST89E Datasheet
393Kb / 6P
   Microwave Radio
More results

Similar Description - HMC636ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC636ST89 HITTITE-HMC636ST89 Datasheet
231Kb / 6P
   GaAs PHEMT HIGH LINEARITY Gain Block, 0.2 - 4.0 GHz
logo
Analog Devices
HMC907A AD-HMC907A Datasheet
976Kb / 12P
   GaAs pHEMT MMIC POWER AMPLIFIER, 0.2 - 22 GHz
logo
Hittite Microwave Corpo...
HMC907 HITTITE-HMC907 Datasheet
654Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, 0.2 - 22 GHz
logo
Broadcom Corporation.
MGA-30789 BOARDCOM-MGA-30789 Datasheet
702Kb / 14P
   High Linearity Gain Block
logo
Qorvo, Inc
TQL9047 QORVO-TQL9047 Datasheet
954Kb / 15P
   High Linearity Gain Block
logo
TriQuint Semiconductor
TQL9047 TRIQUINT-TQL9047_15 Datasheet
599Kb / 13P
   High Linearity Gain Block
logo
Qorvo, Inc
QPA9126 QORVO-QPA9126 Datasheet
1Mb / 12P
   High Linearity Gain Block
June 26, 2019
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30789 AVAGO-MGA-30789_15 Datasheet
702Kb / 14P
   High Linearity Gain Block
logo
Qorvo, Inc
QPA9127 QORVO-QPA9127 Datasheet
1Mb / 11P
   High Linearity Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30689 AVAGO-MGA-30689_15 Datasheet
733Kb / 16P
   Flat Gain High Linearity Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com