Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC633 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC633
Description  GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 17 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC633 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC633 Datasheet HTML 1Page - Hittite Microwave Corporation HMC633 Datasheet HTML 2Page - Hittite Microwave Corporation HMC633 Datasheet HTML 3Page - Hittite Microwave Corporation HMC633 Datasheet HTML 4Page - Hittite Microwave Corporation HMC633 Datasheet HTML 5Page - Hittite Microwave Corporation HMC633 Datasheet HTML 6Page - Hittite Microwave Corporation HMC633 Datasheet HTML 7Page - Hittite Microwave Corporation HMC633 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2
2 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC633
GaAs PHEMT MMIC DRIVER
AMPLIFIER, 5 - 17 GHz
v00.1107
General Description
Features
Functional Diagram
The hmc633 is a gaAs mmic phemT driver
Amplifier die which operates between 5 and 17 ghz.
The amplifier provides up to 31 db of gain, +30 dbm
output ip3, and +23 dbm of output power at 1 db
gain compression, while requiring 180 mA from a +5v
supply. The hmc633 is an ideal driver amplifier for
microwave radio applications from 5 to 17 ghz, and
may also be biased at +5v, 130 mA to provide 2 db
lower gain with improved pAe. The hmc633 amplifier
i/o’s are dc blocked and internally matched to 50
ohms facilitating easy integration into multi-chip-
modules (mcms). All data is taken with die connected
at input and output rf ports via one 1 mil wedge bond
with minimal length of 0.31 mm (12 mils).
gain: 29 db
p1db: +23 dbm
output ip3: +30 dbm
saturated power: +24 dbm @ 27% pAe
supply voltage: +5v @ 180 mA
50 ohm matched input/output
die size: 2.07 x 0.93 x 0.1 mm
Electrical Specifications, T
A = +25° C, Vdd1, Vdd2, Vdd3, Vdd4 = 5V, Idd = 180 mA
[1]
Typical Applications
The hmc633 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• LO Driver for Mixers
• Military & Space
parameter
min.
Typ.
max.
min.
Typ.
max.
Units
frequency range
5 - 9
9 - 17
ghz
gain
27
31
26
29
db
gain variation over Temperature
0.035
0.044
0.040
0.050
db/ °c
input return loss
14
16
db
output return loss
15
12
db
output power for 1 db compression (p1db)
21
23
21
23
dbm
saturated output power (psat)
24
23.5
dbm
output Third order intercept (ip3)
30
30
dbm
noise figure
9
7
db
supply current (idd= idd1 + idd2 + idd3 + idd4)
180
180
mA
[1] Adjust Vgg between -2 to 0V to achieve Idd = 180mA Typical


Similar Part No. - HMC633

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC633 HITTITE-HMC633 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC633 AD-HMC633 Datasheet
315Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC633 AD-HMC633 Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC633LC4 HITTITE-HMC633LC4 Datasheet
268Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5.5 - 17 GHz
HMC633LC4 HITTITE-HMC633LC4 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
More results

Similar Description - HMC633

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC633LC4 HITTITE-HMC633LC4 Datasheet
268Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5.5 - 17 GHz
HMC634LC4 HITTITE-HMC634LC4_09 Datasheet
261Kb / 6P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC634LC4 HITTITE-HMC634LC4 Datasheet
267Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
logo
Analog Devices
HMC634 AD-HMC634 Datasheet
329Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
logo
Hittite Microwave Corpo...
HMC634 HITTITE-HMC634 Datasheet
291Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC498 HITTITE-HMC498_10 Datasheet
259Kb / 6P
   GaAs pHEMT MMIC POWER AMPLIFIER, 17 - 24 GHz
HMC498 HITTITE-HMC498 Datasheet
210Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, 17 - 24 GHz
HMC903LP3E HITTITE-HMC903LP3E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 17 GHz
HMC516 HITTITE-HMC516 Datasheet
320Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 17 GHz
HMC516 HITTITE-HMC516_09 Datasheet
256Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 17 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com