Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

630LP3E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 630LP3E
Description  GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

630LP3E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  630LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 630LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 630LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 630LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 630LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 630LP3E Datasheet HTML 6Page - Hittite Microwave Corporation 630LP3E Datasheet HTML 7Page - Hittite Microwave Corporation 630LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
10
10 - 52
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP3 vs. Temperature
Output Noise vs. Temperature
Output Noise vs.
Phase Settings @ F= 900 MHz
Input P1dB vs. Temperature
Group Delay
Linear Gain vs. Phase Setting
HMC630LP3 / 630LP3E
v00.1007
GaAs HBT VECTOR
MODULATOR 700 - 1000 MHz
0
0.2
0.4
0.6
0.8
1
0
30
60
90
120
210
240
270
300
330
10
12
14
16
18
20
22
0.6
0.7
0.8
0.9
1
1.1
+25C
+85C
-40C
FREQUENCY (GHz)
-180
-178
-176
-174
-172
-170
-168
-166
-164
-162
-160
-158
-156
-154
-152
-150
0
45
90
135
180
225
270
315
360
PHASE SETTING (DEGREES)
-170
-168
-166
-164
-162
-160
0.7
0.8
0.9
1
+25C
+85C
-40C
FREQUENCY (GHz)
900
950
1000
1050
1100
1150
1200
1250
1300
0.6
0.7
0.8
0.9
1
1.1
FREQUENCY (GHz)
28
30
32
34
36
38
0.7
0.8
0.9
1
+25C
+85C
-40C
FREQUENCY (GHz)


Similar Part No. - 630LP3E

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
630LMMT COOPER-630LMMT Datasheet
49Kb / 2P
   Electrical Characteristics, Total Clearing I2t, Arc Voltage, Power Losses
630LMMT COOPER-630LMMT Datasheet
38Kb / 2P
   400-900A, 240 Volts
More results

Similar Description - 630LP3E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC630LP3 AD-HMC630LP3 Datasheet
813Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
AD8340 AD-AD8340 Datasheet
536Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. 0
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. C
logo
Hittite Microwave Corpo...
HMC500LP3 HITTITE-HMC500LP3 Datasheet
364Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
logo
Analog Devices
HMC631LP3 AD-HMC631LP3 Datasheet
834Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.7 GHz
logo
Hittite Microwave Corpo...
HMC631LP3 HITTITE-HMC631LP3 Datasheet
284Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.7 GHz
HMC500LP3 HITTITE-HMC500LP3_09 Datasheet
267Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
logo
Analog Devices
HMC500LP3 AD-HMC500LP3 Datasheet
394Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
logo
Merrimac Industries, In...
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
   VECTOR MODULATOR
VM-MCM-1.9G MERRIMAC-VM-MCM-1.9G Datasheet
142Kb / 2P
   VECTOR MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com