Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

628LP4E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # 628LP4E
Description  BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER, 50 - 800 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

628LP4E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button 628LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 8Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 9Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 10Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 11Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 12Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 13Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
12 - 42
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
Absolute Maximum Ratings
RF Input Power
20 dBm
RF Output Power
22 dBm
Digital Inputs (B0-B4, Shift Clock,
Latch Enable & Data Input)
-0.5V to Vdd +0.5V
Bias Voltage (Vdd)
5.6 V
Junction Temperature
125 °C
Continuous Pdiss (T = 85 °C)
(derate 13.5 mW/°C above 85 °C) [1]
0.54 W
Thermal Resistance
(Junction to ground paddle)
74.3 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Bias Voltage
Vdd (V)
Idd (Typ.) (mA)
5V
65
PUP Truth Table
LE
PUP1
PUP2
Gain Relative to
Maximum Gain
000
Insertion Loss
010
-8
001
-16
011
-23
1
X
X
0 to -23 dB
Note: Power-Up with LE= 1 provides direct parallel operation with
B4-B0.
Power-Up States
If LE is set to logic LOW at power-up, the logic state of
PUP1 and PUP2 determines the power-up state of the
part per PUP truth table. If the LE is set to logic HIGH
at power-up, the logic state of B4-B0 determines the
power-up state of the part per truth table. The DVGA
latches in the desired power-up state approximately
200 ms after power-up.
Power-On Sequence
The ideal power-up sequence is: GND, Vdd, digital
inputs, RF inputs. The relative order of the digital
inputs are not important as long as they are powered
after Vdd / GND
ATTENUATION
(dB)
B4[1]
B3[1]
B2
B1
B0
0
0
0000
1
0
0001
2
0
0010
3
0
0011
4
0
0100
5
0
0101
6
0
0110
7
0
0111
8
0
1000
9
0
1001
10
01010
11
01011
12
01100
13
01101
14
01110
15
01111
16
1X0
0
0
17
1X0
0
1
18
1X0
1
0
19
1X0
1
1
20
1X1
0
0
21
1X1
0
1
22
1X1
1
0
23
1X1
1
1
[1] Enabling B4 disables B3, the minimum attenuation is 16 dB
Truth Table
HMC628LP4 / 628LP4E
v07.0410
BiCMOS MMIC 5-Bit DIGITAL
VARIABLE GAIN AMPLIFIER, 50 - 800 MHz
Control Voltage Table
State
Vdd = +3V
Vdd = +5V
Low
0 to 0.5V @ <1 μA
0 to 0.8V @ <1 μA
High
2 to 3V @ <1 μA
2 to 5V @ <1 μA


Similar Part No. - 628LP4E

ManufacturerPart #DatasheetDescription
logo
Bi technologies
628L BITECH-628L Datasheet
56Kb / 4P
   R/2R Ladder .220??Small Outline Thick Film DIP Surface Mount Resistor Networks
logo
Welwyn Components Limit...
628L WELWYN-628L Datasheet
181Kb / 4P
   R/2R Ladder Thick Film DIP Surface Mount
logo
TT Electronics.
628L104 TTELEC-628L104 Datasheet
202Kb / 4P
   Resistors
logo
Bi technologies
628L104TR4 BITECH-628L104TR4 Datasheet
56Kb / 4P
   R/2R Ladder .220??Small Outline Thick Film DIP Surface Mount Resistor Networks
logo
Welwyn Components Limit...
628L104TR4 WELWYN-628L104TR4 Datasheet
181Kb / 4P
   R/2R Ladder Thick Film DIP Surface Mount
More results

Similar Description - 628LP4E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC628LP4 AD-HMC628LP4 Datasheet
923Kb / 14P
   BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER
HMC680LP4 AD-HMC680LP4 Datasheet
548Kb / 8P
   BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC680LP4 HITTITE-HMC680LP4 Datasheet
347Kb / 8P
   BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
HMC680LP4 HITTITE-HMC680LP4_10 Datasheet
609Kb / 8P
   BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
logo
BeRex Corporation
BVA304 BEREX-BVA304 Datasheet
4Mb / 22P
   50-4000 MHz DIGITAL VARIABLE GAIN AMPLIFIER
BVA518 BEREX-BVA518_18 Datasheet
2Mb / 18P
   5-4000 MHz DIGITAL VARIABLE GAIN AMPLIFIER
BVA518 BEREX-BVA518 Datasheet
2Mb / 18P
   5-4000 MHz DIGITAL VARIABLE GAIN AMPLIFIER
logo
Qorvo, Inc
QPB0066 QORVO-QPB0066 Datasheet
1Mb / 15P
   Digital Controlled Variable Gain Amplifier (5 - 500 MHz)
logo
Hittite Microwave Corpo...
HMC627LP5 HITTITE-HMC627LP5_10 Datasheet
1,023Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 50 MHz - 1 GHz
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
   MMIC variable gain amplifier
1999 Jul 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com