Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

627LP5E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # 627LP5E
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 50 MHz - 1 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

627LP5E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

Back Button 627LP5E Datasheet HTML 2Page - Hittite Microwave Corporation 627LP5E Datasheet HTML 3Page - Hittite Microwave Corporation 627LP5E Datasheet HTML 4Page - Hittite Microwave Corporation 627LP5E Datasheet HTML 5Page - Hittite Microwave Corporation 627LP5E Datasheet HTML 6Page - Hittite Microwave Corporation 627LP5E Datasheet HTML 7Page - Hittite Microwave Corporation 627LP5E Datasheet HTML 8Page - Hittite Microwave Corporation 627LP5E Datasheet HTML 9Page - Hittite Microwave Corporation 627LP5E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
12 - 6
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
Absolute Maximum Ratings
RF Input Power [1]
11.5 dBm (T = +85 °C)
Digital Inputs (Reset, Shift Clock,
Latch Enable & Serial Input)
-0.5V to Vdd +0.5V
Bias Voltage (Vdd)
5.6V
Collector Bias Voltage (Vcc)
5.5V
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 9 mW/°C above 85 °C) [1]
0.593 W
Thermal Resistance
110 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
[1] At max gain settling
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Bias Voltage
PUP Truth Table
Power-Up States
Vdd (V)
Idd (Typ.) (mA)
+5
2
Vs (V)
Is (mA)
+5
88
Control Voltage Input
Gain
Relative to
Maximum
Gain
D5
D4
D3
D2
D1
D0
High
High
High
High
High
High
0 dB
High
High
High
High
High
Low
-0.5 dB
High
High
High
High
Low
High
-1 dB
High
High
High
Low
High
High
-2 dB
High
High
Low
High
High
High
-4 dB
High
Low
High
High
High
High
-8 dB
Low
High
High
High
High
High
-16 dB
Low
Low
Low
Low
Low
Low
-31.5 dB
Any combination of the above states will provide a reduction in
gain approximately equal to the sum of the bits selected.
Truth Table
If LE is set to logic LOW at power-up, the logic state of
PUP1 and PUP2 determines the power-up state of the
part per PUP truth table. If the LE is set to logic HIGH
at power-up, the logic state of D0-D5 determines the
power-up state of the part per truth table. The DVGA
latches in the desired power-up state approximately
200 ms after power-up.
Power-On Sequence
The ideal power-up sequence is: GND, Vdd, digital
inputs, RF inputs. The relative order of the digital
inputs are not important as long as they are powered
after Vdd / GND
HMC627LP5 / 627LP5E
v10.0410
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, 50 MHz - 1 GHz
LE
PUP1
PUP2
Gain Relative to Maximum
Gain
0
0
0
-31.5
0
1
0
-24
0
0
1
-16
0
1
1
Insertion Loss
1
X
X
0 to -31.5 dB
Note: The logic state of D0 - D5 determines the
power-up state per truth table shown below when LE
is high at power-up.
Control Voltage Table
State
Vdd = +3V
Vdd = +5V
Low
0 to 0.5V @ <1 µA
0 to 0.8V @ <1 µA
High
2 to 3V @ <1 µA
2 to 5V @ <1 µA


Similar Part No. - 627LP5E

ManufacturerPart #DatasheetDescription
logo
Bi technologies
627 BITECH-627 Datasheet
65Kb / 5P
   220 Small Outline Dual-In-Line Thick Film Surface Mount Resistor Networks
627 BITECH-627 Datasheet
276Kb / 5P
   .220??Small Outline
logo
List of Unclassifed Man...
627 ETC2-627 Datasheet
276Kb / 5P
   MODELS 627, 628 Model 627, 628 Series
627 ETC2-627 Datasheet
61Kb / 1P
   CE-Mark Approval
627-000-001 ETC2-627-000-001 Datasheet
226Kb / 2P
   627 SERIES SUBMINIATURE D CONNECTOR PLUG(PIN) VERTICAL PCB, METAL BODY
More results

Similar Description - 627LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC625HFLP5E HITTITE-HMC625HFLP5E Datasheet
655Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz
HMC626LP5 HITTITE-HMC626LP5 Datasheet
380Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626LP5 HITTITE-HMC626LP5_09 Datasheet
385Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626ALP5E HITTITE-HMC626ALP5E Datasheet
739Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC627LP5 HITTITE-HMC627LP5 Datasheet
316Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
logo
Analog Devices
HMC627ALP5E AD-HMC627ALP5E Datasheet
833Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC742HFLP5E HITTITE-HMC742HFLP5E Datasheet
856Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 4 GHz
logo
Analog Devices
HMC742ALP5E AD-HMC742ALP5E Datasheet
756Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC742LP5 HITTITE-HMC742LP5_09 Datasheet
395Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
HMC742LP5E HITTITE-HMC742LP5E Datasheet
395Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com