Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC623LP4E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC623LP4E
Description  RFIC DOWNCONVERTER SMT, 1.8 - 2.7 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC623LP4E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC623LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC623LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC623LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC623LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC623LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC623LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC623LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC623LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
9
9 - 2
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC623LP4 / 623LP4E
v01.0708
RFIC DOWNCONVERTER SMT, 1.8 - 2.7 GHz
Conversion Gain vs. Temperature
Isolation
Return Loss
Conversion Gain vs. LO Drive
Conversion Gain vs. IF Frequency
IF Bandwidth, LO = 1.9 GHz
15
20
25
30
35
40
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
RF
LO
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
RF/IF
LO/RF
LO/IF
FREQUENCY (GHz)
15
20
25
30
35
40
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-3 dBm
0 dBm
+3 dBm
FREQUENCY (GHz)
-25
-15
-5
5
15
25
35
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
IF Return Loss
Conversion Gain
FREQUENCY (GHz)
10
15
20
25
30
35
40
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
IF = 50 MHz
IF = 200 MHz
IF = 500 MHz
FREQUENCY (GHz)


Similar Part No. - HMC623LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC620 HITTITE-HMC620 Datasheet
252Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620 HITTITE-HMC620 Datasheet
241Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4 Datasheet
219Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4 Datasheet
203Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4_09 Datasheet
219Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
More results

Similar Description - HMC623LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC621LP4 HITTITE-HMC621LP4 Datasheet
703Kb / 8P
   RFIC DOWNCONVERTER SMT, 0.9 - 1.6 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC420QS16 HITTITE-HMC420QS16_10 Datasheet
829Kb / 8P
   CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC420QS16 HITTITE-HMC420QS16 Datasheet
329Kb / 8P
   CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC334LP4 HITTITE-HMC334LP4 Datasheet
303Kb / 8P
   SiGe WIDEBAND DOWNCONVERTER, 0.8 - 2.7 GHz
logo
WJ Communication. Inc.
CV221-2A WJCI-CV221-2A_07 Datasheet
327Kb / 5P
   1.9 - 2.7 GHz Dual-Branch Downconverter
logo
Hittite Microwave Corpo...
HMC334LP4 HITTITE-HMC334LP4_10 Datasheet
315Kb / 8P
   SiGe WIDEBAND DOWNCONVERTER, 0.6 - 2.7 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com