Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC620LC4 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC620LC4
Description  GaAs MMIC I/Q MIXER 3 - 7 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC620LC4 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC620LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC620LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC620LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC620LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC620LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC620LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
8
8 - 197
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines should
have 50 ohm impedance while the package ground
leads and exposed paddle should be connected
directly to the ground plane similar to that shown.
A sufficient number of via holes should be used to
connect the top and bottom ground planes. The
evaluation circuit board shown is available from
Hittite upon request.
List of Materials for Evaluation PCB 109998 [1]
Item
Description
J1 - J2
PCB Mount SMA RF Connector, SRI
J3 - J4
PCB Mount SMA Connector, Johnson
U1
HMC620LC4
PCB [2]
109996 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC620LC4
v03.1208
GaAs MMIC I/Q MIXER
3 - 7 GHz


Similar Part No. - HMC620LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC620LC4 HITTITE-HMC620LC4 Datasheet
203Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
More results

Similar Description - HMC620LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC620 HITTITE-HMC620_09 Datasheet
252Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620 HITTITE-HMC620 Datasheet
241Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4 Datasheet
203Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC1042LC4 HITTITE-HMC1042LC4 Datasheet
1Mb / 16P
   GaAs MMIC I/Q MIXER
HMC1041LC4 HITTITE-HMC1041LC4 Datasheet
1Mb / 16P
   GaAs MMIC I/Q MIXER
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC522 HITTITE-HMC522 Datasheet
307Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC555 HITTITE-HMC555 Datasheet
320Kb / 6P
   GaAs MMIC I/Q MIXER 31 - 38 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com