Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC619LP5E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC619LP5E
Description  GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC619LP5E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC619LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC619LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC619LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC619LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC619LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC619LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC619LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC619LP5E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
6
6 - 324
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC619LP5 / 619LP5E
v07.0908
General Description
Features
Functional Diagram
Typical Applications
GaAs PHEMT MMIC
POWER AMPLIFIER, DC - 10 GHz
The HMC619LP5(E)
is a GaAs MMIC PHEMT
Distributed Power Amplifier die which operates bet-
ween DC and 10 GHz. The amplifier provides 11 dB
of gain, +37 dBm output IP3 and +27 dBm of output
power at 1 dB gain compression while requiring 300
mA from a +12V supply. Gain flatness is excellent at
±0.5 dB from DC - 10 GHz making the HMC619LP5(E)
ideal for EW, ECM, Radar and test equipment
applications. The HMC619LP5(E) amplifier I/Os are
internally matched to 50 ohms.
P1dB Output Power: +27 dBm
Gain: 11 dB
Output IP3: +37 dBm
Supply Voltage: +12V @ 300 mA
50 Ohm Matched Input/Output
32 Lead 5x5mm Lead SMT Package: 25mm2
The HMC619LP5(E) wideband PA is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military & Space
• Test Instrumentation
• Fiber Optics
Electrical Specifications, T
A = +25° C, Vdd= +12V, Vgg2= +5V, Idd= 300 mA*
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
DC - 2.0
2.0 - 8.0
8.0 - 10.0
GHz
Gain
10
12
9
11
8
10.5
dB
Gain Flatness
±0.5
±0.25
±0.5
dB
Gain Variation Over Temperature
0.016
0.02
0.03
dB/ °C
Input Return Loss
11
12.5
17
dB
Output Return Loss
16
16
12
dB
Output Power for 1 dB Compression (P1dB)
28
25
27
23
25
dBm
Saturated Output Power (Psat)
29
28
25.5
dBm
Output Third Order Intercept (IP3)
41
37
32
dBm
Noise Figure
5
5
7
dB
Supply Current
(Idd) (Vdd= +12V, Vgg1= -0.8V Typ.)
300
300
300
mA
* Adjust Vgg1 between -2 to 0V to achieve Idd= 300 mA typical.


Similar Part No. - HMC619LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC619LP5E AD-HMC619LP5E Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC619LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC619 HITTITE-HMC619 Datasheet
305Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC619 HITTITE-HMC619_09 Datasheet
298Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC659 HITTITE-HMC659_09 Datasheet
296Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 15 GHz
HMC659LC5 HITTITE-HMC659LC5 Datasheet
293Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 15 GHz
HMC559 HITTITE-HMC559 Datasheet
404Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20.0 GHz
HMC459 HITTITE-HMC459 Datasheet
258Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18.0 GHz
HMC559 HITTITE-HMC559_09 Datasheet
306Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20 GHz
HMC659 HITTITE-HMC659 Datasheet
320Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 15 GHz
HMC459 HITTITE-HMC459_07 Datasheet
287Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC459 HITTITE-HMC459_09 Datasheet
277Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com