Part Name
         Description
HMC612LP4E

 75 dB LOGARITHMIC DETECTOR / CONTROLLER, 50 Hz - 3000 MHz ( 10 Page)


HITTITE
100% 
Zoom Out Zoom In
 
 5 page
background image
7
7 - 64
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
LOGOUT Error vs. Input Power,
Normalized, Fin= 100 MHz [1]
LOGOUT Voltage
vs. Input Power & Frequency
LOGOUT Intercept
vs. Supply Voltage, T
A= +25C
Input Return Loss
vs. Frequency, Vcc= 3.3V
[1] This data is relative to the room temperature performance of the HMC612LP4(E)
[2] Intermediate step up to 4 μs on falling-edge when operated beyond linear dynamic range.
HMC612LP4 / 612LP4E
v01.0108
75 dB LOGARITHMIC
DETECTOR / CONTROLLER, 50 Hz - 3000 MHz
-35
-30
-25
-20
-15
-10
-5
0
01
23
45
+25 C
+85 C
-45 C
FREQUENCY (GHz)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-70
-60
-50
-40
-30
-20
-10
0
10
+85 C
-45 C
INPUT POWER (dBm)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-70
-60
-50
-40
-30
-20
-10
0
10
1 MHz
10 MHz
100 MHz
900 MHz
1900MHz
2500MHz
3000MHz
INPUT POWER (dBm)
Fall Time @ 600 MHz Over Power Level
Fall Time @ 2400 MHz Over Power Level [2]
0.6
0.8
1
1.2
1.4
1.6
1.8
2
01
234
5678
9
10
0dBm
-5dBm
-10dBm
-15dBm
TIME (us)
0.6
0.8
1
1.2
1.4
1.6
1.8
2
01
234
5678
9
10
0dBm
-5dBm
-10dBm
-15dBm
TIME (us)
-110
-100
-90
-80
-70
-60
-50
2.5
3
3.5
4
4.5
5
5.5
1MHz
10MHz
100MHz
900MHz
1900MHz
2500Hz
3000MHz
Vcc (Volts)



Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl