Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BG20A Datasheet(PDF) 1 Page - BeRex Corporation

Part # BG20A
Description  5-800 MHz Internally Matched IF Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BG20A Datasheet(HTML) 1 Page - BeRex Corporation

  BG20A Datasheet HTML 1Page - BeRex Corporation BG20A Datasheet HTML 2Page - BeRex Corporation BG20A Datasheet HTML 3Page - BeRex Corporation BG20A Datasheet HTML 4Page - BeRex Corporation BG20A Datasheet HTML 5Page - BeRex Corporation BG20A Datasheet HTML 6Page - BeRex Corporation BG20A Datasheet HTML 7Page - BeRex Corporation BG20A Datasheet HTML 8Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
5-800 MHz Internally Matched IF Amplifier
BG20A
OIP3 = 39.0 dBm @ 70 MHz
Gain = 24 dB @ 70 MHz
Output P1 dB = 20.5 dBm @ 70 MHz
50 Ω Cascadable
Patented temperature compensation
Lead-free/RoHS-compliant SOT-89 SMT package
BeRex’s BG20A is a high performance InGaP/
GaAs HBT MMIC amplifier, internally
matched to 50 Ohms and uses a patented
temperature compensation circuit to pro-
vide stable current over the operating tem-
perature range without the need for exter-
nal components. The BG20A is designed for
high linearity IF amplifier that requires excel-
lent gain, high OIP3 and flatness. It is pack-
aged in a RoHS-compliant with SOT-89 sur-
face mount package.
Product Description
Device Features
 Base station Infrastructure/RFID
 Commercial/Industrial/Military wireless system
Applications
Applications Circuit
*C1, C2=2700pF ± 5%; C3 = 100 pF ± 5%; C4 = 1000pF ±5%
1 Device performance _ measured on a BeRex evaluation board at 25°C, 50 Ω system.
2 OIP3 _ measured with two tones at an output of 10 dBm per tone separated by 1 MHz.
Typical Performance
1
Absolute Maximum Ratings
Parameter
Frequency
Unit
70
140
250
500
800
MHz
Gain
24.0
23.9
23.7
23.1
22.3
dB
S11
-19.5
-21.2
-22.0
-26.0
-30
dB
S22
-12.5
-13.0
-13.0
-12.0
-9.4
dB
OIP3
2
39.0
37.0
37.0
36.0
33.0
dBm
P1dB
20.5
20.5
20.5
20.5
20.3
dBm
Noise Figure
3.4
3.4
3.5
3.6
3.6
dB
Min.
Typical
Max.
Unit
Bandwidth
5
800
MHz
IC @ (Vc = 5V)
80
90
100
mA
VC
5.0
V
dG/dT
-0.003
dB/°C
RTH
50
°C/W
Parameter
Unit
Rating
Operating Case Temperature
°C
-40 to +85
Storage Temperature
°C
-55 to +155
Junction Temperature
°C
+220
Operating Voltage
V
+6.5
Supply Current
mA
200
Input RF Power
dBm
23
Operation of this device above any of these parameters may result in permanent damage.
Rev. C
BeRex
● website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
*C5 = 10uF; L1 = 470nH ±5%


Similar Part No. - BG20A

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG20A BEREX-BG20A Datasheet
454Kb / 8P
   5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A Datasheet
1Mb / 8P
   5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A Datasheet
1Mb / 8P
   5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A_16 Datasheet
1Mb / 8P
   5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A_18 Datasheet
1Mb / 8P
   5-800 MHz Internally Matched IF Amplifier
More results

Similar Description - BG20A

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG20B BEREX-BG20B_16 Datasheet
1Mb / 9P
   5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_1 Datasheet
1Mb / 10P
   5-800 MHz Internally Matched IF Amplifier
BIF5 BEREX-BIF5_1 Datasheet
1Mb / 11P
   5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A_18 Datasheet
1Mb / 8P
   5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_18 Datasheet
1Mb / 10P
   5-800 MHz Internally Matched IF Amplifier
BIF3 BEREX-BIF3_16 Datasheet
1Mb / 9P
   5-800 MHz Internally Matched IF Amplifier
BG20B BEREX-BG20B Datasheet
470Kb / 10P
   5-800 MHz Internally Matched IF Amplifier
BIF1 BEREX-BIF1_1 Datasheet
1Mb / 9P
   5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_16 Datasheet
1Mb / 10P
   5-800 MHz Internally Matched IF Amplifier
BIF1 BEREX-BIF1_16 Datasheet
1Mb / 9P
   5-800 MHz Internally Matched IF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com