Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC608LC4 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC608LC4
Description  GaAs pHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC608LC4 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC608LC4_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC608LC4_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC608LC4_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC608LC4_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC608LC4_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC608LC4_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
9 - 6
HMC608LC4
GaAs pHEMT MEDIUM
POWER AMPLIFIER, 9.5 - 11.5 GHz
v02.1208
Evaluation PCB
item
Description
J1, J2
pC mount smA connector
J3 - J8
DC pin
C1 - C6
100 pf capacitor, 0402 pkg.
C6 - C10
1,000 pf Capacitor, 0603 pkg.
C11 - C15
2.2µf Capacitor, Tantalum
U1
HmC608lC4 Amplifier
pCB [2]
112761 evaluation pCB
[1] reference this number when ordering complete evaluation pCB
[2] Circuit Board material: rogers 4350.
List of Materials for Evaluation PCB 112763 [1]
The circuit board used in this application should use
rf circuit design techniques. signal lines should
have 50 ohm impedance while the package ground
leads and exposed paddle should be connected
directly to the ground plane similar to that shown.
A sufficient number of via holes should be used to
connect the top and bottom ground planes. The
evaluation board should be mounted to an appro-
priate heat sink. The evaluation circuit board shown
is available from Hittite upon request.


Similar Part No. - HMC608LC4_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC608LC4 HITTITE-HMC608LC4 Datasheet
342Kb / 8P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
logo
Analog Devices
HMC608LC4 AD-HMC608LC4 Datasheet
367Kb / 8P
   GaAs pHEMT MEDIUM POWER AMPLIFIER
HMC608LC4 AD-HMC608LC4 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC608LC4_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC608 HITTITE-HMC608_10 Datasheet
298Kb / 8P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608LC4 HITTITE-HMC608LC4 Datasheet
342Kb / 8P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608 HITTITE-HMC608 Datasheet
374Kb / 8P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608 HITTITE-HMC608_07 Datasheet
295Kb / 8P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC590LP5 HITTITE-HMC590LP5_09 Datasheet
279Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5_09 Datasheet
273Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC590LP5 HITTITE-HMC590LP5 Datasheet
373Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5 Datasheet
367Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC498LC4 HITTITE-HMC498LC4_09 Datasheet
231Kb / 6P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
HMC498LC4 HITTITE-HMC498LC4 Datasheet
333Kb / 6P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com