Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC603MS10 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC603MS10
Description  0.5 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC603MS10 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC603MS10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC603MS10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC603MS10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC603MS10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC603MS10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC603MS10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5
5 - 190
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz
General Description
Features
Functional Diagram
The HMC603MS10 & HMC603MS10E are general
purpose broadband 5-bit positive control GaAs IC
digital attenuators in 10 lead MSOP surface mount
plastic packages. Covering 0.7 to 3.8 GHz, the inser-
tion loss is less than 2.0 dB typical. The attenuator
bit values are 0.5 (LSB), 1, 2, 4 and 8 dB for a total
attenuation of 15.5 dB. Attenuation accuracy is
excellent at ± 0.15 dB typical with an IIP3 of +50 dBm.
Five bit control voltage inputs, toggled between 0
and +3 to +5V, are used to select each attenuation
state at less than 1.0 uA each. A single Vdd bias
of +3 to +5V applied through an external 5K Ohm
resistor is required.
0.5 dB LSB Steps to 15.5 dB
Single Positive Control Per Bit
± 0.15 dB Typical Bit Error
High Input IP3: +50 dBm
MSOP10 SMT Package
Electrical Specifications,
T
A = +25° C, Vdd= +3V to +5V & Vctl= 0/Vdd (Unless Otherwise Stated)
Typical Applications
The HMC603MS10 / HMC603MS10E is ideal for:
• Cellular/3G Infrastructure
• ISM, MMDS
• WLAN, WiMAX, & WiBro
Parameter
Frequency (GHz)
Min.
Typical
Max.
Units
Insertion Loss
0.7 - 1.4
1.4 - 2.3
2.3 - 2.7
2.7 - 3.8
1.3
1.7
2.2
2.7
1.6
2.0
2.5
3.1
dB
dB
dB
dB
Attenuation Range
15.5
dB
Return Loss (RF1 & RF2, All Atten. States)
0.7 - 1.4
1.4 - 2.3
2.3 - 2.7
2.7 - 3.8
25
18
13
12
dB
dB
dB
dB
Attenuation Accuracy: (Referenced to Insertion Loss)
All States
0.7 - 2.2
2.2 - 3.8
± (0.2 + 2% of Atten. Setting) Max.
± (0.3 + 3% of Atten. Setting) Max.
dB
dB
Input Power for 0.1 dB Compression
Vdd = 5V
Vdd = 3V
0.7 - 3.8
29
28
dBm
dBm
Input Third Order Intercept Point
(Two-tone Input Power = 0 dBm Each Tone)
REF - 2 dB States
2.5 - 15.5 dB States
0.7 - 3.8
53
48
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
0.7 - 3.8
1.6
1.6
µs
µs
HMC603MS10 / 603MS10E
v00.0905


Similar Part No. - HMC603MS10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC603MS10 HITTITE-HMC603MS10 Datasheet
326Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz
HMC603MS10E HITTITE-HMC603MS10E Datasheet
326Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz
More results

Similar Description - HMC603MS10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC603QS16 HITTITE-HMC603QS16 Datasheet
341Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz
HMC603MS10 HITTITE-HMC603MS10 Datasheet
326Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz
HMC603QS16 HITTITE-HMC603QS16_08 Datasheet
230Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10 Datasheet
185Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10_06 Datasheet
324Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10_08 Datasheet
235Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306AMS10 HITTITE-HMC306AMS10 Datasheet
733Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC305LP4 HITTITE-HMC305LP4 Datasheet
499Kb / 8P
   0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
logo
Analog Devices
HMC306AMS10 AD-HMC306AMS10 Datasheet
301Kb / 4P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
logo
Hittite Microwave Corpo...
HMC305LP4 HITTITE-HMC305LP4_10 Datasheet
352Kb / 8P
   0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com