Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC596LP4E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC596LP4E
Description  SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC596LP4E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC596LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC596LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC596LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC596LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC596LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC596LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC596LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC596LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
12
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12 - 119
Absolute Maximum Ratings
Outline Drawing
Bias Voltage Range (Vdd)
+8.0 Vdc
Control Voltage Range
(All Logic Lines)
Vdd +0.5 to -0.2V Vdc
Channel Temperature
150 °C
Thermal Resistance
325 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Maximum Input Power (Each Input)
+23 dBm (200 - 2150 MHz)
NOTES:
1. LEAD AND GROUND PADDLE MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
4. PAD BURR LENGTH SHALL BE 0.15mm MAX.
PAD BURR HEIGHT SHALL BE 0.05mm MAX.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL NC LEADS, GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED
TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED PCB LAND PATTERN.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC596LP4
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H596
XXXX
HMC596LP4E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H596
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
HMC596LP4 / 596LP4E
v01.0409
SMT CMOS 4x2 SWITCH
MATRIX, 0.2 - 3.0 GHz


Similar Part No. - HMC596LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC596LP4E HITTITE-HMC596LP4E Datasheet
452Kb / 8P
   SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
logo
Analog Devices
HMC596LP4E AD-HMC596LP4E Datasheet
490Kb / 8P
   SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
More results

Similar Description - HMC596LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC596LP4 HITTITE-HMC596LP4 Datasheet
452Kb / 8P
   SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
logo
Analog Devices
HMC596LP4 AD-HMC596LP4 Datasheet
490Kb / 8P
   SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
logo
Hittite Microwave Corpo...
HMC276LP4 HITTITE-HMC276LP4 Datasheet
511Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC276LP4 HITTITE-HMC276LP4_09 Datasheet
342Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
logo
Hexawave, Inc
HWS428 HW-HWS428 Datasheet
103Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
HWS428_V5 HW-HWS428_V5_15 Datasheet
106Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
logo
Hittite Microwave Corpo...
HMC276QS24 HITTITE-HMC276QS24 Datasheet
420Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
logo
Hexawave, Inc
HWS412 HW-HWS412 Datasheet
106Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
logo
Hittite Microwave Corpo...
HMC276QS24 HITTITE-HMC276QS24_06 Datasheet
501Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
HMC276QS24 HITTITE-HMC276QS24_09 Datasheet
357Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com