Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC595 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC595
Description  GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC595 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC595_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC595_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC595_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC595_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC595_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC595_08 Datasheet HTML 6Page - Hittite Microwave Corporation HMC595_08 Datasheet HTML 7Page - Hittite Microwave Corporation HMC595_08 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
10
10 - 361
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC595 / 595E
v00.0805
Typical Application Circuit
Notes:
1. Set logic gate and switch Vdd = +3V to +5V and use HCT series logic to provide a TTL driver interface.
2. Control inputs A/B can be driven directly with CMOS logic (HC) with Vdd of +3 to +8 Volts applied to the CMOS logic gates.
3. DC Blocking capacitors are required for each RF port as shown. Capacitor value determines lowest frequency of operation.
4. Highest RF signal power capability is achieved with V set to +10V. The switch will operate properly (but at lower RF power
capability) at bias voltages down to +3V.
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 3, 5
RF2, RF1, RFC
This pin is DC coupled and matched to 50 Ohm.
Blocking capacitors are required.
2
GND
This pin must be connected to RF/DC ground.
4
B
See truth table and control voltage table.
6
A
See truth table and control voltage table.
GaAs MMIC 3 WATT T/R SWITCH,
DC - 3 GHz


Similar Part No. - HMC595_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC595A HITTITE-HMC595A Datasheet
879Kb / 8P
   GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
logo
Analog Devices
HMC595A AD-HMC595A Datasheet
371Kb / 6P
   GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
HMC595AE AD-HMC595AE Datasheet
371Kb / 6P
   GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC595E HITTITE-HMC595E Datasheet
343Kb / 8P
   GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
More results

Similar Description - HMC595_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC595A HITTITE-HMC595A Datasheet
879Kb / 8P
   GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
logo
Analog Devices
HMC595A AD-HMC595A Datasheet
371Kb / 6P
   GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC595 HITTITE-HMC595 Datasheet
343Kb / 8P
   GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
HMC574MS8 HITTITE-HMC574MS8 Datasheet
381Kb / 8P
   GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
HMC574MS8 HITTITE-HMC574MS8_09 Datasheet
261Kb / 8P
   GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
HMC484MS8G HITTITE-HMC484MS8G_08 Datasheet
277Kb / 8P
   GaAs MMIC 10 WATT T/R SWITCH DC - 3 GHz
HMC484MS8G HITTITE-HMC484MS8G_10 Datasheet
889Kb / 8P
   GaAs MMIC 10 WATT T/R SWITCH DC - 3 GHz
logo
Analog Devices
HMC574AMS8E AD-HMC574AMS8E Datasheet
601Kb / 6P
   GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
HMC174MS8 HITTITE-HMC174MS8_05 Datasheet
246Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com