Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC593LP3E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC593LP3E
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC593LP3E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC593LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC593LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC593LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC593LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC593LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC593LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC593LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC593LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 193
LNA Psat vs. Temperature
LNA Psat vs. Vdd
LNA Output P1dB vs. Temperature
LNA Output P1dB vs. Vdd
LNA Reverse Isolation vs. Temperature
-45
-40
-35
-30
-25
3.3
3.4
3.5
3.6
3.7
3.8
+25C
+85C
-40C
FREQUENCY (GHz)
Vdd = 3V
Vdd = 5V
10
12
14
16
18
20
3.3
3.4
3.5
3.6
3.7
3.8
+25C
+85C
-40C
FREQUENCY (GHz)
Vdd = 5V
Vdd = 3V
6
8
10
12
14
16
18
20
3.3
3.4
3.5
3.6
3.7
3.8
2.4V
2.7V
3.0V
4.5V
5.0V
5.5V
FREQUENCY (GHz)
10
12
14
16
18
20
22
3.3
3.4
3.5
3.6
3.7
3.8
2.4V
2.7V
3.0V
4.5V
5.0V
5.5V
FREQUENCY (GHz)
10
12
14
16
18
20
3.3
3.4
3.5
3.6
3.7
3.8
+25C
+85C
-40C
FREQUENCY (GHz)
Vdd = 5V
Vdd = 3V
HMC593LP3 / 593LP3E
v03.0309
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz


Similar Part No. - HMC593LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC593LP3E HITTITE-HMC593LP3E Datasheet
335Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
More results

Similar Description - HMC593LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC593LP3 HITTITE-HMC593LP3 Datasheet
335Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC491LP3 HITTITE-HMC491LP3 Datasheet
233Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
HMC491LP3 HITTITE-HMC491LP3_09 Datasheet
231Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
logo
Analog Devices
HMC373LP3 AD-HMC373LP3 Datasheet
426Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE
logo
Hittite Microwave Corpo...
HMC604LP3 HITTITE-HMC604LP3_10 Datasheet
1Mb / 10P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC604LP3 HITTITE-HMC604LP3 Datasheet
354Kb / 10P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC605LP3 HITTITE-HMC605LP3_09 Datasheet
253Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC605LP3 HITTITE-HMC605LP3 Datasheet
207Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC373LP3 HITTITE-HMC373LP3_06 Datasheet
414Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3 Datasheet
317Kb / 10P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com