Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC591 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC591
Description  GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6 - 10 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC591 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC591_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC591_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC591_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC591_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC591_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC591_09 Datasheet HTML 6Page - Hittite Microwave Corporation HMC591_09 Datasheet HTML 7Page - Hittite Microwave Corporation HMC591_09 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3
3 - 78
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC591
v02.0109
General Description
Features
Functional Diagram
The HMC591 is a high dynamic range GaAs PHEMT
MMIC 2 Watt Power Amplifier which operates from
6 to 10 GHz. This amplifier die provides 23 dB of
gain and +34 dBm of saturated power, at 24% PAE
from a +7.0V supply. Output IP3 is +43 dBm typical.
The RF I/Os are DC blocked and matched to 50
Ohms for ease of integration into Multi-Chip-Modules
(MCMs). All data is taken with the chip in a 50 ohm test
fixture connected via 0.025mm (1 mil) diameter wire
bonds of length 0.31mm (12 mils). For applications
which require optimum OIP3, Idd should be set for 940
mA, to yield +43 dBm OIP3. For applications which
require optimum output P1dB, Idd should be set for
1340 mA, to yield +33 dBm Output P1dB.
Saturated Output Power: +34 dBm @ 24% PAE
Output IP3: +43 dBm
Gain: 23 dB
DC Supply: +7.0 V @ 1340 mA
50 Ohm Matched Input/Output
2.47 mm x 2.49 mm x 0.1 mm
Electrical Specifications, T
A = +25° C, Vdd = +7V, Idd = 1340 mA
[1]
Typical Applications
The HMC591 is ideal for use as a power amplifier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• Test Equipment & Sensors
• Military End-Use
• Space
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
6 - 10
6.8 - 9
GHz
Gain
20
23
20
23
dB
Gain Variation Over Temperature
0.05
0.05
dB/ °C
Input Return Loss
12
14
dB
Output Return Loss
11
10
dB
Output Power for 1 dB
Compression (P1dB)
30
33
30.5
33.5
dBm
Saturated Output Power (Psat)
33.5
34
dBm
Output Third Order Intercept (IP3)[2]
43
43
dBm
Supply Current (Idd)
1340
1340
mA
[1] Adjust Vgg between -2 to 0V to achieve Idd= 1340 mA typical.
[2] Measurement taken at 7V @ 940mA, Pin / Tone = -15 dBm
GaAs PHEMT MMIC 2 WATT
POWER AMPLIFIER, 6 - 10 GHz


Similar Part No. - HMC591_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC591LP5 HITTITE-HMC591LP5 Datasheet
367Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5 Datasheet
273Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
logo
Analog Devices
HMC591LP5 AD-HMC591LP5 Datasheet
408Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC591LP5 AD-HMC591LP5 Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC591LP5E HITTITE-HMC591LP5E Datasheet
367Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
More results

Similar Description - HMC591_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC590 HITTITE-HMC590_09 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6 - 10 GHz
logo
Analog Devices
HMC591 AD-HMC591 Datasheet
414Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC998APM5E AD-HMC998APM5E Datasheet
1Mb / 14P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC952 HITTITE-HMC952 Datasheet
785Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Analog Devices
HMC591LP5 AD-HMC591LP5 Datasheet
408Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC6981LS6 AD-HMC6981LS6 Datasheet
861Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC592 HITTITE-HMC592_09 Datasheet
292Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 10 - 13 GHz
HMC1029 HITTITE-HMC1029 Datasheet
1Mb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Analog Devices
HMC906A AD-HMC906A Datasheet
594Kb / 12P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC998A AD-HMC998A Datasheet
1,009Kb / 16P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com