Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC590LP5 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC590LP5
Description  GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC590LP5 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC590LP5_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC590LP5_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC590LP5_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC590LP5_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC590LP5_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC590LP5_09 Datasheet HTML 6Page - Hittite Microwave Corporation HMC590LP5_09 Datasheet HTML 7Page - Hittite Microwave Corporation HMC590LP5_09 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 294
HMC590LP5 / 590LP5E
v01.0107
General Description
Features
Functional Diagram
The HMC590LP5 & HMC590LP5E are high dynamic
range GaAs PHEMT MMIC 1 Watt Power Amplifiers
which operate from 6 to 9.5 GHz. The amplifier pro-
vides 21 dB of gain, +31 dBm of saturated power,
and 23% PAE from a +7welV supply. This 50 Ohm
matched amplifier does not require any external
components and the RF I/Os are DC blocked for ro-
bust operation. For applications which require op-
timum OIP3, Idd should be set for 520 mA, to yield
+40 dBm OIP3. For applications which require
optimum output P1dB, Idd should be set for 820 mA,
to yield +30 dBm Out-put P1dB.
Electrical Specifications, T
A = +25° C, Vdd = +7V, Idd = 820 mA
[1]
Typical Applications
The HMC590LP5 / HMC590LP5E is ideal for use as a
power amplifier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• Test Equipment & Sensors
• Military End-Use
• Space
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
6 - 8
6 - 9.5
GHz
Gain
18
21
18
21
dB
Gain Variation Over Temperature
0.05
0.05
dB/ °C
Input Return Loss
15
12
dB
Output Return Loss
11
10
dB
Output Power for 1 dB
Compression (P1dB)
27
30
27.5
30.5
dBm
Saturated Output Power (Psat)
30.5
31
dBm
Output Third Order Intercept (IP3)[2]
40
40
dBm
Supply Current (Idd)
820
820
mA
[1] Adjust Vgg between -2 to 0V to achieve Idd= 820 mA typical.
[2] Measurement taken at 7V @ 520mA, Pin/Tone = -15 dBm
GaAs PHEMT MMIC 1 WATT
POWER AMPLIFIER, 6.0 - 9.5 GHz
Saturated Output Power: +31.5 dBm @ 23% PAE
Output IP3: +40 dBm
Gain: 21 dB
DC Supply: +7V @ 820 mA
50 Ohm Matched Input/Output
QFN Leadless SMT Packages, 25 mm2


Similar Part No. - HMC590LP5_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC590LP5E HITTITE-HMC590LP5E Datasheet
373Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
logo
Analog Devices
HMC590LP5E AD-HMC590LP5E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC590LP5E AD-HMC590LP5E Datasheet
1Mb / 22P
   Active Bias Controller High Current
HMC590LP5ETR AD-HMC590LP5ETR Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
More results

Similar Description - HMC590LP5_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC590LP5 HITTITE-HMC590LP5 Datasheet
373Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5_09 Datasheet
273Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5 Datasheet
367Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC590 HITTITE-HMC590 Datasheet
377Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 10.0 GHz
HMC591 HITTITE-HMC591 Datasheet
390Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 10.0 GHz
logo
Analog Devices
HMC590LP5E AD-HMC590LP5E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC590 AD-HMC590 Datasheet
402Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER
HMC797APM5E AD-HMC797APM5E Datasheet
1Mb / 14P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC637ALP5E AD-HMC637ALP5E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC756 HITTITE-HMC756 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com