Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC590 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC590
Description  GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6 - 10 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC590 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC590_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC590_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC590_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC590_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC590_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC590_09 Datasheet HTML 6Page - Hittite Microwave Corporation HMC590_09 Datasheet HTML 7Page - Hittite Microwave Corporation HMC590_09 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3
3 - 75
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Descriptions
Pad Number
Function
Description
Interface Schematic
1RFIN
This pad is AC coupled and
matched to 50 Ohms.
2Vgg
Gate control for amplifier. Adjust to achieve Idd of 820 mA.
Please follow “MMIC Amplifier Biasing Procedure”
Application Note. External bypass capacitors of 100 pF and
0.1 μF are required.
3 - 5
Vdd 1-3
Power Supply Voltage for the amplifier. External bypass
capacitors of 100 pF and 0.1 μF are required.
6RFOUT
This pad is AC coupled and
matched to 50 Ohms.
Die Bottom
GND
Die bottom must be connected to RF/DC ground.
HMC590
v02.0109
GaAs PHEMT MMIC 1 WATT
POWER AMPLIFIER, 6 - 10 GHz


Similar Part No. - HMC590_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC590LP5 HITTITE-HMC590LP5 Datasheet
373Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC590LP5 HITTITE-HMC590LP5 Datasheet
279Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
logo
Analog Devices
HMC590LP5 AD-HMC590LP5 Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC590LP5E HITTITE-HMC590LP5E Datasheet
373Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC590LP5E HITTITE-HMC590LP5E Datasheet
279Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
More results

Similar Description - HMC590_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC591 HITTITE-HMC591_09 Datasheet
298Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6 - 10 GHz
HMC592 HITTITE-HMC592_09 Datasheet
292Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 10 - 13 GHz
logo
Analog Devices
HMC590LP5E AD-HMC590LP5E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC590 AD-HMC590 Datasheet
402Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER
HMC797APM5E AD-HMC797APM5E Datasheet
1Mb / 14P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC637ALP5E AD-HMC637ALP5E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC756 HITTITE-HMC756 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC590LP5 HITTITE-HMC590LP5_09 Datasheet
279Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC693 HITTITE-HMC693 Datasheet
675Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 27 - 34 GHz
HMC969 HITTITE-HMC969 Datasheet
859Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 40 - 43.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com