Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC585MS8G Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC585MS8G
Description  HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 400 - 650 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC585MS8G Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC585MS8G_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC585MS8G_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC585MS8G_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC585MS8G_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC585MS8G_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC585MS8G_08 Datasheet HTML 6Page - Hittite Microwave Corporation HMC585MS8G_08 Datasheet HTML 7Page - Hittite Microwave Corporation HMC585MS8G_08 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
9
9 - 362
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1LO
This pin is AC coupled
and matched to 50 Ohm.
2N/C
Not connected.
3, 6, 7
GND
This pin must be connected to RF ground.
4Vdd
Power supply for LO amplifier.
An external RF bypass capacitor is required.
5IF Port
This pin is DC coupled. For applications not requiring
operation to DC this port should be DC blocked externally
using a series capacitor. Choose value of capacitor to pass
IF frequency desired. For operation to DC, this pin must
not sink/source more than 40 mA of current or failure may
result.
8RF Port
This pin is DC coupled
and matched to 50 Ohm.
Pin Descriptions
HMC585MS8G / 585MS8GE
HIGH IP3 GaAs MMIC MIXER with
INTEGRATED LO AMPLIFIER, 400 - 650 MHz
v01.0907


Similar Part No. - HMC585MS8G_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC585MS8GE HITTITE-HMC585MS8GE Datasheet
297Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 400 - 650 MHz
More results

Similar Description - HMC585MS8G_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC585MS8G HITTITE-HMC585MS8G Datasheet
297Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 400 - 650 MHz
HMC485MS8G HITTITE-HMC485MS8G_08 Datasheet
264Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.4 GHz
HMC485MS8G HITTITE-HMC485MS8G Datasheet
260Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC483MS8G HITTITE-HMC483MS8G_10 Datasheet
239Kb / 6P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.5 GHz
HMC483MS8G HITTITE-HMC483MS8G Datasheet
347Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.4 GHz
logo
Tyco Electronics
MAMXES0075 MACOM-MAMXES0075 Datasheet
68Kb / 2P
   High IP3 Mixer with LO Amplifier 823 - 851 MHz
logo
Hittite Microwave Corpo...
HMC399MS8 HITTITE-HMC399MS8_06 Datasheet
323Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 700 - 1000 MHz
HMC399MS8 HITTITE-HMC399MS8 Datasheet
231Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 700 - 1000 MHz
HMC387MS8 HITTITE-HMC387MS8_06 Datasheet
318Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
HMC387MS8 HITTITE-HMC387MS8 Datasheet
224Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com