Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC549MS8G Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC549MS8G
Description  DUAL OUTPUT LOW NOISE AMPLIFIER, 0.04 - 0.96 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC549MS8G Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC549MS8G_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC549MS8G_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC549MS8G_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC549MS8G_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC549MS8G_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC549MS8G_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC549MS8G_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC549MS8G_10 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 164
Psat vs. Temperature
P1dB vs. Temperature
Output IP3 vs. Temperature
Gain, Noise Figure & P1dB vs.
Supply Voltage @ 500 MHz
Phase Balance *
Amplitude Balance *
8
9
10
11
12
13
14
15
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
2
4
6
8
10
5
7
9
11
13
15
3
3.5
4
4.5
5
5.5
GAIN
NOISE FIGURE
P1dB
SUPPLY VOLTAGE (Vdc)
-6
-4
-2
0
2
4
6
8
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
FREQUENCY (GHz)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
FREQUENCY (GHz)
20
22
24
26
28
30
32
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
8
9
10
11
12
13
14
15
16
17
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
* Data taken without balun on the output.
All measurements taken in 75 Ohm system.
HMC549MS8G / 549MS8GE
v02.0310
DUAL OUTPUT LOW NOISE
AMPLIFIER, 0.04 - 0.96 GHz


Similar Part No. - HMC549MS8G_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC549MS8GE HITTITE-HMC549MS8GE Datasheet
405Kb / 8P
   DUAL OUTPUT LOW NOISE AMPLIFIER, 0.04 - 0.96 GHz
logo
Analog Devices
HMC549MS8GE AD-HMC549MS8GE Datasheet
1Mb / 8P
   DUAL OUTPUT LOW NOISE AMPLIFIER
More results

Similar Description - HMC549MS8G_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC549MS8G HITTITE-HMC549MS8G Datasheet
405Kb / 8P
   DUAL OUTPUT LOW NOISE AMPLIFIER, 0.04 - 0.96 GHz
logo
Analog Devices
HMC549MS8GE AD-HMC549MS8GE Datasheet
1Mb / 8P
   DUAL OUTPUT LOW NOISE AMPLIFIER
logo
Renesas Technology Corp
F6921 RENESAS-F6921_V01 Datasheet
887Kb / 17P
   Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
Apr 8, 2021
F6922 RENESAS-F6922 Datasheet
127Kb / 3P
   Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
F6922 RENESAS-F6922_V01 Datasheet
1Mb / 16P
   Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
Jun 25, 2021
F6921 RENESAS-F6921 Datasheet
128Kb / 3P
   Dual-Channel Low Noise Amplifier 10.7 ??12.75 GHz
F6923 RENESAS-F6923 Datasheet
127Kb / 3P
   Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
logo
Torex Semiconductor
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com