Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC548LP3E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC548LP3E
Description  SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC548LP3E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC548LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC548LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC548LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC548LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC548LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC548LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC548LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC548LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 160
Absolute Maximum Ratings
Drain Bias Voltage (Vcc)
+7.0 Vdc
RF Input Power (RFIN)(Vcc = +5.0 Vdc)
-5 dBm
Junction Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 14 mW/°C above 85 °C)
0.942 W
Thermal Resistance
(junction to ground paddle)
69 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1B
HMC548LP3 / 548LP3E
v02.0706
SiGe HBT MMIC LOW NOISE
AMPLIFIER, 1.2 - 3.0 GHz
Small Signal Parameters Input Stage
Small Signal Parameters Output Stage
Typical Supply Current vs. Vcc
Vcc (Vdc)
Icc (mA)
4.5
17
5.0
21
5.5
24
P1dB Individual Stages
Noise Figure Individual Stages
0
1
2
3
4
0.5
1
1.5
2
2.5
3
3.5
4
Input Stage
Output Stage
FREQUENCY (GHz)
-5
-1
3
7
11
15
0.5
1
1.5
2
2.5
3
3.5
4
P1dB Input Stage
P1dB Output Stage
FREQUENCY (GHz)
-40
-30
-20
-10
0
10
20
0.5
1
1.5
2
2.5
3
3.5
4
S21
S11
S22
S12
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
0.5
1
1.5
2
2.5
3
3.5
4
S21
S11
S22
S12
FREQUENCY (GHz)


Similar Part No. - HMC548LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC548LP3E HITTITE-HMC548LP3E Datasheet
484Kb / 10P
   SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
More results

Similar Description - HMC548LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC548LP3 HITTITE-HMC548LP3 Datasheet
484Kb / 10P
   SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
logo
Tyco Electronics
MAAM12000 MACOM-MAAM12000 Datasheet
191Kb / 2P
   Low Noise GaAs MMIC Amplifier 1.2-1.75 GHz
MAAM12000-A1 MACOM-MAAM12000-A1 Datasheet
178Kb / 3P
   Low Noise GaAs MMIC Amplifier 1.2 - 1.75 GHz
logo
NEC
UPC1676B NEC-UPC1676B Datasheet
70Kb / 5P
   1.2 GHz BANDWIDTH LOW NOISE SILICON MMIC AMPLIFIER
logo
RF Micro Devices
QPA7489A RFMD-QPA7489A Datasheet
639Kb / 9P
   CASCADABLE SiGe HBT MMIC AMPLIFIER
logo
Tachyonics CO,. LTD
THM1001TE TACHYONICS-THM1001TE Datasheet
170Kb / 9P
   SiGe HBT MMIC POWER AMPLIFIER
logo
RF Micro Devices
QPA4463A RFMD-QPA4463A Datasheet
771Kb / 8P
   CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA4263A RFMD-QPA4263A Datasheet
765Kb / 8P
   CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA4363A RFMD-QPA4363A Datasheet
767Kb / 8P
   CASCADABLE SiGe HBT MMIC AMPLIFIER
logo
Agilent(Hewlett-Packard...
INA-54063 HP-INA-54063 Datasheet
117Kb / 10P
   3.0 GHz Low Noise Silicon MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com