Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC535LP4 Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC535LP4
Description  PHASE-LOCKED OSCILLATOR, 14.7 - 15.4 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC535LP4 Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC535LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 9Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 170
Evaluation PCB
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have
50 ohm impedance while the package ground leads and backside ground paddle should be connected directly
to the ground plane similar to that shown. A sufficient number of via holes should be used to connect the top
and bottom ground planes. The evaluation board should be mounted to an appropriate heat sink. The evaluation
circuit board shown is available from Hittite upon request.
HMC535LP4 / 535LP4E
v01.1009
PHASE-LOCKED OSCILLATOR,
14.7 - 15.4 GHz


Similar Part No. - HMC535LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC535LP4 HITTITE-HMC535LP4 Datasheet
652Kb / 10P
   PHASE-LOCKED OSCILLATOR, 14.7 - 15.4 GHz
logo
Analog Devices
HMC535LP4 AD-HMC535LP4 Datasheet
614Kb / 10P
   PHASE-LOCKED OSCILLATOR
logo
Hittite Microwave Corpo...
HMC535LP4E HITTITE-HMC535LP4E Datasheet
652Kb / 10P
   PHASE-LOCKED OSCILLATOR, 14.7 - 15.4 GHz
More results

Similar Description - HMC535LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC535LP4 HITTITE-HMC535LP4 Datasheet
652Kb / 10P
   PHASE-LOCKED OSCILLATOR, 14.7 - 15.4 GHz
logo
Pasternack Enterprises,...
PE19XC7007 PASTERNACK-PE19XC7007_V01 Datasheet
467Kb / 5P
   2 GHz Phase Locked Oscillator
PE19XC7006 PASTERNACK-PE19XC7006_V01 Datasheet
468Kb / 5P
   1 GHz Phase Locked Oscillator
PE19XC7004 PASTERNACK-PE19XC7004_V01 Datasheet
464Kb / 5P
   6 GHz Phase Locked Oscillator
PE19XC7001 PASTERNACK-PE19XC7001_V01 Datasheet
467Kb / 5P
   1 GHz Phase Locked Oscillator
PE19XC7002 PASTERNACK-PE19XC7002_V01 Datasheet
467Kb / 5P
   2 GHz Phase Locked Oscillator
PE19XC7009 PASTERNACK-PE19XC7009_V01 Datasheet
466Kb / 5P
   6 GHz Phase Locked Oscillator
PE19XC7003 PASTERNACK-PE19XC7003_V01 Datasheet
308Kb / 3P
   4 GHz Phase Locked Oscillator
PE19XC7008 PASTERNACK-PE19XC7008_V01 Datasheet
466Kb / 5P
   4 GHz Phase Locked Oscillator
logo
Spectrum Microwave, Inc...
626106 SPECTRUM-626106 Datasheet
87Kb / 2P
   PHASE LOCKED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com