Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4979 Datasheet(PDF) 5 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SC4979
Description  Switching Power Transistor(5A NPN)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SC4979 Datasheet(HTML) 5 Page - Shindengen Electric Mfg.Co.Ltd

  2SC4979 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SC4979 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SC4979 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SC4979 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SC4979 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SC4979 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SC4979 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SC4979 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
0.01
0.1
1
0
50
100
150
2SC4979
IC = 2.5A
IB1 = 0.25A
IB2 = 0.25A
VBB2 = 4V
RL = 12Ω
ts
ton
tf
Switching Time - Tc
Case Temperature Tc [
°C]


Similar Part No. - 2SC4979

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4976 SANYO-2SC4976 Datasheet
31Kb / 5P
   High-Definition CRT Display Video Output Applications
logo
Guangdong Kexin Industr...
2SC4976-D KEXIN-2SC4976-D Datasheet
1Mb / 3P
   NPN Transistors
2SC4976-E KEXIN-2SC4976-E Datasheet
1Mb / 3P
   NPN Transistors
2SC4976-F KEXIN-2SC4976-F Datasheet
1Mb / 3P
   NPN Transistors
2SC4976 KEXIN-2SC4976_15 Datasheet
1Mb / 3P
   NPN Transistors
More results

Similar Description - 2SC4979

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC4833 SHINDENGEN-2SC4833 Datasheet
418Kb / 9P
   Switching Power Transistor(5A NPN)
2SC4980 SHINDENGEN-2SC4980 Datasheet
395Kb / 8P
   Switching Power Transistor(5A NPN)
2SC5241 SHINDENGEN-2SC5241 Datasheet
508Kb / 12P
   Switching Power Transistor(5A NPN)
2SC4054 SHINDENGEN-2SC4054 Datasheet
497Kb / 12P
   Switching Power Transistor(5A NPN)
2SC4053 SHINDENGEN-2SC4053 Datasheet
519Kb / 12P
   Switching Power Transistor(5A NPN)
2SC4663 SHINDENGEN-2SC4663 Datasheet
409Kb / 9P
   Switching Power Transistor(5A NPN)
2SA1679 SHINDENGEN-2SA1679 Datasheet
393Kb / 8P
   Switching Power Transistor(-5A PNP)
2SA1878 SHINDENGEN-2SA1878 Datasheet
396Kb / 8P
   Switching Power Transistor(-5A PNP)
2SA1877 SHINDENGEN-2SA1877 Datasheet
382Kb / 8P
   Switching Power Transistor(-5A PNP)
2SA1795 SHINDENGEN-2SA1795 Datasheet
376Kb / 8P
   Switching Power Transistor(-5A PNP)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com