Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC527 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC527
Description  GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC527 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC527 Datasheet HTML 1Page - Hittite Microwave Corporation HMC527 Datasheet HTML 2Page - Hittite Microwave Corporation HMC527 Datasheet HTML 3Page - Hittite Microwave Corporation HMC527 Datasheet HTML 4Page - Hittite Microwave Corporation HMC527 Datasheet HTML 5Page - Hittite Microwave Corporation HMC527 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
3 - 108
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Isolations
Amplitude Balance vs. LO Drive
IF Bandwidth*
Phase Balance vs. LO Drive
Quadrature Channel Data Taken Without IF 90° Hybrid
Upconverter Performance Conversion
Gain vs. LO Drive
Upconverter Performance Sideband
Rejection vs. LO Drive
-60
-50
-40
-30
-20
-10
8
9
10
11
12
13
14
RF FREQUENCY (GHz)
LO/RF
RF/IF1
LO/IF1
RF/IF2
LO/IF2
-20
-15
-10
-5
0
0.5
1
1.5
2
2.5
3
3.5
RETURN LOSS
CONVERSION GAIN
IF FREQUENCY (GHz)
-4
-2
0
2
4
8
9
10
11
12
13
14
LO = +17dBm
LO = +19dBm
LO = +21dBm
RF FREQUENCY (GHz)
-15
-10
-5
0
5
10
15
8
9
10
11
12
13
14
LO = +17 dBm
LO = +19 dBm
LO = +21 dBm
RF FREQUENCY (GHz)
-20
-15
-10
-5
0
8
9
10
11
12
13
14
+17 dBm
+19 dBm
+21 dBm
RF FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
8
9
10
11
12
13
14
LO = +17 dBm
LO = +19 dBm
LO = +21 dBm
RF FREQUENCY (GHz)
* Conversion gain data taken with external IF 90° hybrid
HMC527
v01.1007
GaAs MMIC I/Q MIXER
8.5 - 13.5 GHz


Similar Part No. - HMC527

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC527 HITTITE-HMC527 Datasheet
297Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
logo
Micross Components
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
   Point-to-Point and Point-to-Multi-Point Radio
logo
Hittite Microwave Corpo...
HMC527LC4 HITTITE-HMC527LC4 Datasheet
280Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527LC4 HITTITE-HMC527LC4 Datasheet
206Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527LC4 HITTITE-HMC527LC4_09 Datasheet
206Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
More results

Similar Description - HMC527

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC527LC4 HITTITE-HMC527LC4_09 Datasheet
206Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527 HITTITE-HMC527 Datasheet
297Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521 HITTITE-HMC521_09 Datasheet
237Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527LC4 HITTITE-HMC527LC4 Datasheet
280Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
logo
Analog Devices
HMC521ACHIPS AD-HMC521ACHIPS Datasheet
660Kb / 25P
   8.5 GHz to 13.5 GHz, GaAs, MMIC, I/Q Mixer
logo
Hittite Microwave Corpo...
HMC-C042 HITTITE-HMC-C042 Datasheet
285Kb / 6P
   GaAs MMIC I/Q MIXER MODULE 8.5 - 13.5 GHz
HMC525 HITTITE-HMC525 Datasheet
315Kb / 6P
   GaAs MMIC I/Q MIXER 4.0 - 8.5 GHz
HMC525LC4 HITTITE-HMC525LC4_09 Datasheet
212Kb / 6P
   GaAs MMIC I/Q MIXER 4 - 8.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com