Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC525 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC525
Description  GaAs MMIC I/Q MIXER 4.0 - 8.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC525 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC525 Datasheet HTML 1Page - Hittite Microwave Corporation HMC525 Datasheet HTML 2Page - Hittite Microwave Corporation HMC525 Datasheet HTML 3Page - Hittite Microwave Corporation HMC525 Datasheet HTML 4Page - Hittite Microwave Corporation HMC525 Datasheet HTML 5Page - Hittite Microwave Corporation HMC525 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3
3 - 98
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Number
Function
Description
Interface Schematic
1RF
This pad is AC coupled and matched to
50 Ohms.
4LO
This pad is AC coupled and matched to
50 Ohms.
2 (5)
IF2
This pad is DC coupled. For applications not requir-
ing operation to DC, this port should be DC blocked
externally using a series capacitor whose value has
been chosen to pass the necessary IF frequency
range. For operation to DC, this pad must not
source/sink more than 3mA of current or die non-
function and possible die failure will result. Pads 5
and 6 are alternate IF ports.
3 (6)
IF1
GND
The backside of the die must be connected
to RF/DC ground.
Pad Descriptions
Assembly Diagrams
HMC525
v01.1007
GaAs MMIC I/Q MIXER
4.0 - 8.5 GHz


Similar Part No. - HMC525

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC525 HITTITE-HMC525 Datasheet
315Kb / 6P
   GaAs MMIC I/Q MIXER 4.0 - 8.5 GHz
logo
Micross Components
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC525A AD-HMC525A Datasheet
581Kb / 27P
   4 GHz to 8.5 GHz, Wideband I/Q Mixer
HMC525A-SX AD-HMC525A-SX Datasheet
581Kb / 27P
   4 GHz to 8.5 GHz, Wideband I/Q Mixer
HMC525ACHIPS AD-HMC525ACHIPS Datasheet
581Kb / 27P
   4 GHz to 8.5 GHz, Wideband I/Q Mixer
More results

Similar Description - HMC525

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC525 HITTITE-HMC525 Datasheet
315Kb / 6P
   GaAs MMIC I/Q MIXER 4.0 - 8.5 GHz
HMC-C009 HITTITE-HMC-C009_1 Datasheet
231Kb / 6P
   GaAs MMIC I/Q MIXER MODULE 4.0 - 8.5 GHz
HMC-C009 HITTITE-HMC-C009 Datasheet
488Kb / 6P
   GaAs MMIC I/Q MIXER MODULE 4.0 - 8.5 GHz
HMC527 HITTITE-HMC527_09 Datasheet
228Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527LC4 HITTITE-HMC527LC4_09 Datasheet
206Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527 HITTITE-HMC527 Datasheet
297Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC525LC4 HITTITE-HMC525LC4_09 Datasheet
212Kb / 6P
   GaAs MMIC I/Q MIXER 4 - 8.5 GHz
HMC521 HITTITE-HMC521_09 Datasheet
237Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com