Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC28500YJL Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC28500YJL
Description  75V/4A Hyper Speed Control??Synchronous DC-DC Buck Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28500YJL Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC28500YJL Datasheet HTML 1Page - Micrel Semiconductor MIC28500YJL Datasheet HTML 2Page - Micrel Semiconductor MIC28500YJL Datasheet HTML 3Page - Micrel Semiconductor MIC28500YJL Datasheet HTML 4Page - Micrel Semiconductor MIC28500YJL Datasheet HTML 5Page - Micrel Semiconductor MIC28500YJL Datasheet HTML 6Page - Micrel Semiconductor MIC28500YJL Datasheet HTML 7Page - Micrel Semiconductor MIC28500YJL Datasheet HTML 8Page - Micrel Semiconductor MIC28500YJL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Micrel, Inc.
MIC28500
June 2011
3
M9999-060311-B
Pin Description (Continued)
Pin
Number
Pin Name
Pin Function
20
BST
Boost (Output): Bootstrapped voltage to the high-side N-channel internal MOSFET driver. A Schottky
diode is connected between the VDD pin and the BST pin. A boost capacitor of 0.1μF is connected
between the BST pin and the SW pin.
4, 9, 10,
11, 12
SW
Switch Node (Output): Internal connection for the high-side MOSFET source and low-side MOSFET
drain.
23
FS
Frequency Setting Pin.
28
PVDD
Power Supply for gate driver of bottom MOSFET.
1, 3
NC
No Connect.


Similar Part No. - MIC28500YJL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC28510 MICREL-MIC28510 Datasheet
1Mb / 30P
   75V/4A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC28510 MICREL-MIC28510 Datasheet
369Kb / 14P
   75V/4A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC28510EV MICREL-MIC28510EV Datasheet
369Kb / 14P
   75V/4A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC28510YJL MICREL-MIC28510YJL Datasheet
1Mb / 30P
   75V/4A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC28510 MICREL-MIC28510_12 Datasheet
1Mb / 30P
   75V/4A Hyper Speed Control Synchronous DC/DC Buck Regulator
More results

Similar Description - MIC28500YJL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC28510 MICREL-MIC28510_12 Datasheet
1Mb / 30P
   75V/4A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC28510EV MICREL-MIC28510EV Datasheet
369Kb / 14P
   75V/4A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC26950 MICREL-MIC26950 Datasheet
683Kb / 27P
   12A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26600 MICREL-MIC26600 Datasheet
961Kb / 28P
   7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26400 MICREL-MIC26400 Datasheet
1Mb / 27P
   5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26400 MICREL-MIC26400_11 Datasheet
1Mb / 27P
   5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC261203ZA MICREL-MIC261203ZA Datasheet
1Mb / 28P
   28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC27600 MICREL-MIC27600 Datasheet
1Mb / 27P
   36V, 7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26601 MICREL-MIC26601 Datasheet
1Mb / 30P
   28V, 6A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC26603ZA MICREL-MIC26603ZA Datasheet
1Mb / 28P
   28V, 6A Hyper Speed Control Synchronous DC/DC Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com