Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC26901 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC26901
Description  28V, 9A Hyper Speed Control??Synchronous DC/DC Buck Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC26901 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC26901 Datasheet HTML 1Page - Micrel Semiconductor MIC26901 Datasheet HTML 2Page - Micrel Semiconductor MIC26901 Datasheet HTML 3Page - Micrel Semiconductor MIC26901 Datasheet HTML 4Page - Micrel Semiconductor MIC26901 Datasheet HTML 5Page - Micrel Semiconductor MIC26901 Datasheet HTML 6Page - Micrel Semiconductor MIC26901 Datasheet HTML 7Page - Micrel Semiconductor MIC26901 Datasheet HTML 8Page - Micrel Semiconductor MIC26901 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Micrel, Inc.
MIC26901
July 2011
5
M9999-071311-A
Electrical Characteristics
(5) (Continued)
PVIN = VIN = VEN = 12V, VBST – VSW = 5V; TA = 25°C, unless noted. Bold values indicate -40°C ≤ TJ ≤ +125°C.
Parameter
Condition
Min.
Typ.
Max.
Units
Soft-Start
Soft-Start time
5
ms
Short-Circuit Protection
Current-Limit Threshold
VFB = 0.8V, TJ = 25°C
12.5
15
20
A
Current-Limit Threshold
VFB = 0.8V, TJ = 125°C
11.25
15
20
A
Short-Circuit Current
VFB = 0V
4
A
Internal FETs
Top-MOSFET RDS (ON)
ISW = 3A
27
mΩ
Bottom-MOSFET RDS (ON)
ISW = 3A
10.5
mΩ
SW Leakage Current
VEN = 0V
60
µA
VIN Leakage Current
VEN = 0V
25
µA
Power Good (PG)
PG Threshold Voltage
Sweep VFB from Low to High
85
92
95
%VOUT
PG Hysteresis
Sweep VFB from High to Low
5.5
%VOUT
PG Delay Time
Sweep VFB from Low to High
100
µs
PG Low Voltage
Sweep VFB < 0.9 × VNOM, IPG = 1mA
70
200
mV
Thermal Protection
Over-Temperature Shutdown
TJ Rising
160
°C
Over-Temperature Shutdown
Hysteresis
15
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
3. The device is not guaranteed to function outside operating range.
4. PD(MAX) = (TJ(MAX) – TA)/ θJA, where θJA depends upon the printed circuit layout. A 5 square inch 4 layer, 0.62”, FR-4 PCB with 2oz finish copper weight
per layer is used for the
θJA.
5. Specification for packaged product only.
6. Measured in test mode.
7. The maximum duty-cycle is limited by the fixed mandatory off-time tOFF of typically 300ns.


Similar Part No. - MIC26901

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC26903 MICREL-MIC26903 Datasheet
855Kb / 31P
   28V, 9A Hyper Light Load Synchronous DC/DC Buck Regulator
MIC26903-ZAYJL MICREL-MIC26903-ZAYJL Datasheet
1Mb / 29P
   28V, 9A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26903YJL MICREL-MIC26903YJL Datasheet
855Kb / 31P
   28V, 9A Hyper Light Load Synchronous DC/DC Buck Regulator
MIC26903ZA MICREL-MIC26903ZA Datasheet
1Mb / 28P
   28V, 9A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26903ZA MICREL-MIC26903ZA_14 Datasheet
1Mb / 29P
   28V, 9A Hyper Speed Control Synchronous DC/DC Buck Regulator
More results

Similar Description - MIC26901

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC26903ZA MICREL-MIC26903ZA Datasheet
1Mb / 28P
   28V, 9A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26903ZA MICREL-MIC26903ZA_14 Datasheet
1Mb / 29P
   28V, 9A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC261203ZA MICREL-MIC261203ZA Datasheet
1Mb / 28P
   28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26601 MICREL-MIC26601 Datasheet
1Mb / 30P
   28V, 6A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC26603ZA MICREL-MIC26603ZA Datasheet
1Mb / 28P
   28V, 6A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26603ZA MICREL-MIC26603ZA_14 Datasheet
1Mb / 29P
   28V, 6A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC261201 MICREL-MIC261201 Datasheet
1Mb / 30P
   28V, 12A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC26903 MICREL-MIC26903 Datasheet
855Kb / 31P
   28V, 9A Hyper Light Load Synchronous DC/DC Buck Regulator
logo
Microchip Technology
MIC261201 MICROCHIP-MIC261201 Datasheet
2Mb / 40P
   28V, 12A Hyper Speed Control짰 Synchronous DC/DC Buck Regulator
09/14/21
logo
Micrel Semiconductor
MIC26950 MICREL-MIC26950 Datasheet
683Kb / 27P
   12A Hyper Speed Control Synchronous DC-DC Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com