Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500LP3E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 500LP3E
Description  GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

500LP3E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  500LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 500LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 500LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 500LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 500LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 500LP3E Datasheet HTML 6Page - Hittite Microwave Corporation 500LP3E Datasheet HTML 7Page - Hittite Microwave Corporation 500LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10
10 - 36
Input IP3 vs. Temperature
Output Noise vs. Temperature
Output Noise vs.
Phase Settings @ F= 2 GHz
Input P1dB vs. Temperature
Group Delay
-170
-168
-166
-164
-162
-160
1.7
1.8
1.9
2
2.1
2.2
2.3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-180
-175
-170
-165
-160
-155
-150
0
45
90
135
180
225
270
315
360
PHASE SETTING (DEGREES)
10
12
14
16
18
20
1.7
1.8
1.9
2
2.1
2.2
2.3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
26
28
30
32
34
36
38
1.7
1.8
1.9
2
2.1
2.2
2.3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
620
640
660
680
700
720
740
760
1.7
1.8
1.9
2
2.1
2.2
2.3
FREQUENCY (GHz)
Linear Gain vs. Phase Setting
0
0.2
0.4
0.6
0.8
1
0
30
60
90
120
210
240
270
300
330
HMC500LP3 / 500LP3E
v02.1109
GaAs HBT VECTOR
MODULATOR 1.8 - 2.2 GHz


Similar Part No. - 500LP3E

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
500LMMT COOPER-500LMMT Datasheet
49Kb / 2P
   Electrical Characteristics, Total Clearing I2t, Arc Voltage, Power Losses
500LMMT COOPER-500LMMT Datasheet
38Kb / 2P
   400-900A, 240 Volts
More results

Similar Description - 500LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC500LP3 HITTITE-HMC500LP3 Datasheet
364Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
logo
Analog Devices
HMC500LP3 AD-HMC500LP3 Datasheet
394Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
HMC631LP3 AD-HMC631LP3 Datasheet
834Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.7 GHz
logo
Hittite Microwave Corpo...
HMC631LP3 HITTITE-HMC631LP3 Datasheet
284Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.7 GHz
HMC630LP3 HITTITE-HMC630LP3 Datasheet
283Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
logo
Analog Devices
HMC630LP3 AD-HMC630LP3 Datasheet
813Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
logo
Hittite Microwave Corpo...
HMC135 HITTITE-HMC135 Datasheet
122Kb / 4P
   GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC135 HITTITE-HMC135_09 Datasheet
451Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC402MS8 HITTITE-HMC402MS8_06 Datasheet
317Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8_08 Datasheet
219Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com