Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC504LC4B Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC504LC4B
Description  GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC504LC4B Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC504LC4B Datasheet HTML 1Page - Hittite Microwave Corporation HMC504LC4B Datasheet HTML 2Page - Hittite Microwave Corporation HMC504LC4B Datasheet HTML 3Page - Hittite Microwave Corporation HMC504LC4B Datasheet HTML 4Page - Hittite Microwave Corporation HMC504LC4B Datasheet HTML 5Page - Hittite Microwave Corporation HMC504LC4B Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 3
HMC504LC4B
v00.1108
GaAs HEMT MMIC LOW NOISE
AMPLIFIER, 14 - 27 GHz
Psat vs. Temperature [1]
Power Compression @ 21 GHz [1]
P1dB vs. Temperature [1]
Reverse Isolation vs. Temperature
Gain, Noise Figure & Power vs.
Supply Voltage @ 21 GHz [1]
[1] Board loss subtracted out for gain, power and noise figure measurement
8
10
12
14
16
18
20
22
0
1
2
3
4
5
6
7
3.5
4
4.5
Vdd (V)
-4
0
4
8
12
16
20
-20
-15
-10
-5
0
5
Pout
Gain
PAE
INPUT POWER (dBm)
-60
-50
-40
-30
-20
-10
0
13
15
17
19
21
23
25
27
29
+25C
+85C
- 40C
FREQUENCY (GHz)
4
8
12
16
20
24
13
15
17
19
21
23
25
27
29
+25C
+85C
- 40C
FREQUENCY (GHz)
0
4
8
12
16
20
13
15
17
19
21
23
25
27
29
+25C
+85C
- 40C
FREQUENCY (GHz)


Similar Part No. - HMC504LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC504LC4B HITTITE-HMC504LC4B Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC504LC4B AD-HMC504LC4B Datasheet
371Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
More results

Similar Description - HMC504LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH476 HITTITE-HMC-ALH476 Datasheet
190Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
HMC-ALH216 HITTITE-HMC-ALH216 Datasheet
190Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
HMC-ALH313 HITTITE-HMC-ALH313_09 Datasheet
187Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 27 - 33 GHz
HMC-ALH313 HITTITE-HMC-ALH313 Datasheet
188Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 27 - 33 GHz
logo
Analog Devices
HMC504LC4B AD-HMC504LC4B Datasheet
371Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH216 AD-HMC-ALH216 Datasheet
275Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH376 AD-HMC-ALH376 Datasheet
260Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH140 AD-HMC-ALH140 Datasheet
269Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH244 AD-HMC-ALH244 Datasheet
276Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH313 AD-HMC-ALH313 Datasheet
270Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com