Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC498LC4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC498LC4
Description  GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC498LC4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC498LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC498LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC498LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC498LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC498LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC498LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 282
HMC498LC4
GaAs PHEMT MEDIUM
POWER AMPLIFIER, 17 - 24 GHz
v02.1208
General Description
Features
Functional Diagram
The HMC498LC4 is a high dynamic range GaAs
PHEMT MMIC Medium Power Amplifier housed in a
leadless “Pb free” SMT package. Operating from 17
to 24 GHz, the amplifier provides 22 dB of gain, +26
dBm of saturated power and 23% PAE from a +5V
supply voltage. Noise figure is 4 dB while output IP3 is
+36 dBm typical enabling the HMC498LC4 to function
as a low noise front end as well as a driver amplifier.
The RF I/Os are DC blocked and matched to 50 Ohms
for ease of use. The HMC498LC4 eliminates the
need for wire bonding, allowing use of surface mount
manufacturing techniques.
Output IP3: +36 dBm
Saturated Power: +26 dBm @ 23% PAE
Gain: 22 dB
+5V @ 250 mA Supply
50 Ohm Matched Input/Output
RoHS Compliant 4x4 mm SMT Package
Electrical Specifications, T
A = +25° C, Vdd1, 2, 3 = 5V, Idd = 250 mA*
Typical Applications
The HMC498LC4 is ideal for use as a LNA or Driver
amplifier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• Test Equipment & Sensors
• Military End-Use
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
17 - 19
19 - 23
23 - 24
GHz
Gain
18
22
20
22.5
18
21
dB
Gain Variation Over Temperature
0.02
0.03
0.02
0.03
0.02
0.03
dB/ °C
Input Return Loss
13
13
10
dB
Output Return Loss
15
15
20
dB
Output Power for 1 dB Compression (P1dB)
22
25
21.5
24.5
22.5
25.5
dBm
Saturated Output Power (Psat)
26.5
25.5
26.5
dBm
Output Third Order Intercept (IP3)
35
36
35.5
dBm
Noise Figure
4.0
4.0
4.5
dB
Supply Current (Idd)(Vdd = +5V, Vgg = -0.8V
Typ.)
250
250
250
mA
* Adjust Vgg between -2 to 0V to achieve Idd = 250 mA typical.


Similar Part No. - HMC498LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC498LC4 HITTITE-HMC498LC4 Datasheet
333Kb / 6P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
logo
Analog Devices
HMC498LC4 AD-HMC498LC4 Datasheet
287Kb / 6P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
HMC498LC4 AD-HMC498LC4 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC498LC4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC498LC4 AD-HMC498LC4 Datasheet
287Kb / 6P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
logo
Hittite Microwave Corpo...
HMC498LC4 HITTITE-HMC498LC4 Datasheet
333Kb / 6P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
HMC498 HITTITE-HMC498_10 Datasheet
259Kb / 6P
   GaAs pHEMT MMIC POWER AMPLIFIER, 17 - 24 GHz
HMC498 HITTITE-HMC498 Datasheet
210Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, 17 - 24 GHz
HMC442LM1 HITTITE-HMC442LM1 Datasheet
319Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24 GHz
HMC608 HITTITE-HMC608_10 Datasheet
298Kb / 8P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608LC4 HITTITE-HMC608LC4 Datasheet
342Kb / 8P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608LC4 HITTITE-HMC608LC4_10 Datasheet
1Mb / 6P
   GaAs pHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608 HITTITE-HMC608 Datasheet
374Kb / 8P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608 HITTITE-HMC608_07 Datasheet
295Kb / 8P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com