Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

496LP3E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 496LP3E
Description  SiGe WIDEBAND DIRECT MODULATOR RFIC, 4 - 7 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

496LP3E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  496LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 496LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 496LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 496LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 496LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 496LP3E Datasheet HTML 6Page - Hittite Microwave Corporation 496LP3E Datasheet HTML 7Page - Hittite Microwave Corporation 496LP3E Datasheet HTML 8Page - Hittite Microwave Corporation 496LP3E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
11 - 3
Wideband Performance vs. Frequency
Output Noise Floor
and P1dB vs. Frequency
Output IP3 vs. Frequency
Return Loss
-170
-165
-160
-155
-150
-145
-140
-135
-130
-125
-120
-3
-2
-1
0
1
2
3
4
5
6
7
4
4.5
5
5.5
6
6.5
7
FREQUENCY (GHz)
OUTPUT P1dB
OUTPUT NOISE FLOOR
SET-UP NOISE FLOOR
5
10
15
20
25
4
4.5
5
5.5
6
6.5
7
FREQUENCY (GHz)
-15
-10
-5
0
4
4.5
5
5.5
6
6.5
7
LOP SINGLE ENDED
RFP SINGLE ENDED
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
10
4
4.5
5
5.5
6
6.5
7
FREQUENCY (GHz)
OUTPUT POWER
SIDEBAND SUPPRESSION
CARRIER SUPPRESSION
3rd HARMONIC
SiGe WIDEBAND DIRECT
MODULATOR RFIC, 4 - 7 GHz
v05.0811
HMC496LP3 / 496LP3E


Similar Part No. - 496LP3E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
496 LITTELFUSE-496 Datasheet
72Kb / 1P
   Blade Terminal & Special Purpose Fusel
logo
List of Unclassifed Man...
496 ETC2-496 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
EDAC, All Rights Reserv...
496-108-221-121 EDAC-496-108-221-121 Datasheet
270Kb / 2P
   496 Series Edge Connector | DIN 41612
496-108-221-121 EDAC-496-108-221-121 Datasheet
146Kb / 1P
   496 Series,Edge Connector | DIN 41612
496-108-221-123 EDAC-496-108-221-123 Datasheet
270Kb / 2P
   496 Series Edge Connector | DIN 41612
More results

Similar Description - 496LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC496LP3 HITTITE-HMC496LP3 Datasheet
479Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 4.0 - 7.0 GHz
HMC497LP4 HITTITE-HMC497LP4_09 Datasheet
370Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
HMC495LP3 HITTITE-HMC495LP3 Datasheet
618Kb / 12P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
HMC497LP4 HITTITE-HMC497LP4 Datasheet
547Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
HMC495LP3 HITTITE-HMC495LP3_08 Datasheet
428Kb / 12P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
HMC597LP4 HITTITE-HMC597LP4_08 Datasheet
269Kb / 8P
   SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
HMC597LP4 HITTITE-HMC597LP4 Datasheet
259Kb / 8P
   SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
HMC696LP4E HITTITE-HMC696LP4E_08 Datasheet
414Kb / 6P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC697LP4 HITTITE-HMC697LP4 Datasheet
310Kb / 8P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 200 - 4000 MHz
HMC696LP4E HITTITE-HMC696LP4E Datasheet
414Kb / 10P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com