Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC486LP5E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC486LP5E
Description  SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC486LP5E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC486LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC486LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC486LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC486LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC486LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC486LP5E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 261
Evaluation PCB
Item
Description
J1, J2
SRI PC Mount SMA Connector
J3, J4
2mm DC Header
C1 - C6
100 pF Capacitor, 0402 Pkg.
C7 - C12
2.2μF Capacitor, Tantalum
U1
HMC486LP5(E) Amplifier
PCB [2]
108188 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350.
List of Materials for Evaluation PCB 108190 [1]
The circuit board used in this application should use
RF circuit design techniques. Signal lines should
have 50 Ohm impedance while the package ground
leads and exposed paddle should be connected
directly to the ground plane similar to that shown.
A sufficient number of via holes should be used to
connect the top and bottom ground planes. Copper
filled vias under the device are recommended. The
evaluation board should be mounted to an appropri-
ate heat sink. The evaluation circuit board shown is
available from Hittite upon request.
HMC486LP5 / 486LP5E
SURFACE MOUNT PHEMT 2 WATT POWER
AMPLIFIER, 7 - 9 GHz
v01.0705


Similar Part No. - HMC486LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC486LP5E HITTITE-HMC486LP5E Datasheet
358Kb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
logo
Analog Devices
HMC486LP5E AD-HMC486LP5E Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC486LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC486LP5 HITTITE-HMC486LP5 Datasheet
358Kb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
HMC487LP5 HITTITE-HMC487LP5_09 Datasheet
247Kb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 9 - 12 GHz
HMC487LP5 HITTITE-HMC487LP5 Datasheet
374Kb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 9 - 12 GHz
HMC486 HITTITE-HMC486_09 Datasheet
264Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7 - 9 GHz
logo
Analog Devices
HMC487 AD-HMC487 Datasheet
1Mb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER
logo
List of Unclassifed Man...
HMC489LP5 ETC1-HMC489LP5 Datasheet
368Kb / 6P
   SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
logo
Hittite Microwave Corpo...
HMC489LP5 HITTITE-HMC489LP5 Datasheet
248Kb / 6P
   SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
HMC998 HITTITE-HMC998 Datasheet
612Kb / 10P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 0.1 - 22 GHz
HMC486 HITTITE-HMC486 Datasheet
365Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7.0 - 9.0 GHz
HMC591 HITTITE-HMC591_09 Datasheet
298Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6 - 10 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com