Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTCV152 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDTCV152
Description  PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTCV152 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDTCV152 Datasheet HTML 7Page - Integrated Device Technology IDTCV152 Datasheet HTML 8Page - Integrated Device Technology IDTCV152 Datasheet HTML 9Page - Integrated Device Technology IDTCV152 Datasheet HTML 10Page - Integrated Device Technology IDTCV152 Datasheet HTML 11Page - Integrated Device Technology IDTCV152 Datasheet HTML 12Page - Integrated Device Technology IDTCV152 Datasheet HTML 13Page - Integrated Device Technology IDTCV152 Datasheet HTML 14Page - Integrated Device Technology IDTCV152 Datasheet HTML 15Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
COMMERCIALTEMPERATURERANGE
IDTCV152
PROGRAMMABLEFLEXPCCLOCKFORP4PROCESSOR
11
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ppm
Static Error(1,2)
See Tperiod Min. - Max. values
0
ppm
TPERIOD
Clock Period(2)
33.33MHz output nominal
29.991
30.009
ns
33.33MHz output spread
29.991
30.1598
VOH
Output HIGH Voltage
IOH = -1mA
2.4
V
VOL
Output LOW Voltage
IOL = 1mA
0.55
V
IOH
Output HIGH Current
VOH at Min. = 1V
-33
mA
VOH at Max. = 3.135V
-33
IOL
Output LOW Current
VOL at Min. = 1.95V
30
mA
VOL at Max. = 0.4V
38
Edge Rate(1)
Rising edge rate
1
4
V/ns
Edge Rate(1)
Fallingedgerate
1
4
V/ns
tR1
Rise Time(1)
VOL = 0.8V, VOH = 2V
0.3
1.2
ns
tF1
FallTime(1)
VOL = 0.8V, VOH = 2V
0.3
1.2
ns
dT1
Duty Cycle(1)
VT = 1.5V
45
55
%
tSK1
Skew(1)
VT = 1.5V
500
ps
tJCYC-CYC
Jitter, Cycle to Cycle(1)
VT = 1.5V
500
ps
ELECTRICAL CHARACTERISTICS - PCICLK / PCICLK_F
Following Conditions Apply Unless Otherwise Specified:
Operating Condition: TA = 0°C to +70°C, Supply Voltage: VDD = 3.3V ± 5%; CL = 10 - 30pF
NOTES:
1.
This parameter is guaranteed by design, but not 100% production tested.
2.
All long term accuracy and clock period specifications are guaranteed with the assumption that the REF output is at 14.31818MHz.
ELECTRICAL CHARACTERISTICS - CPU AND SRC 0.7 CURRENT MODE
DIFFERENTIAL PAIR, CONTINUED(1)
Following Conditions Apply Unless Otherwise Specified:
Operating Condition: TA = 0°C to +70°C, Supply Voltage: VDD = 3.3V ± 5%; CL = 2pF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tSK3
Skew, CPU(2)
VT = 50%
100
ps
Skew, SRC(2)
250
tJCYC-CYC
Jitter, Cycle to Cycle, CPU(2)
Measurement from differential waveform
85
ps
Jitter, Cycle to Cycle, SRC(2)
125
NOTES:
1.
SRC clock outputs run only at 100MHz.
2.
This parameter is guaranteed by design, but not 100% production tested.


Similar Part No. - IDTCV152

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCV104B IDT-IDTCV104B Datasheet
95Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Renesas Technology Corp
IDTCV105E RENESAS-IDTCV105E Datasheet
277Kb / 22P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
IDTCV105EPV RENESAS-IDTCV105EPV Datasheet
277Kb / 22P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
logo
Integrated Device Techn...
IDTCV107E IDT-IDTCV107E Datasheet
96Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV109E IDT-IDTCV109E Datasheet
104Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
More results

Similar Description - IDTCV152

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCV125 IDT-IDTCV125 Datasheet
223Kb / 24P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV122C IDT-IDTCV122C Datasheet
183Kb / 19P
   PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
logo
Renesas Technology Corp
IDTCV174C RENESAS-IDTCV174C Datasheet
277Kb / 22P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
MAY 2006
IDTCV142 RENESAS-IDTCV142 Datasheet
280Kb / 21P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
FEBRUARY 2005
logo
Integrated Device Techn...
IDTCV115-2 IDT-IDTCV115-2 Datasheet
107Kb / 19P
   PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV144 IDT-IDTCV144 Datasheet
484Kb / 25P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV122CPVG IDT-IDTCV122CPVG Datasheet
183Kb / 19P
   PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV123 IDT-IDTCV123 Datasheet
78Kb / 16P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
logo
Renesas Technology Corp
IDTCV133 RENESAS-IDTCV133 Datasheet
312Kb / 27P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
JANUARY 2005
IDTCV126 RENESAS-IDTCV126 Datasheet
260Kb / 17P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
JUNE 22, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com