Part Name
         Description
2305B-1PGGI8

 3.3V ZERO DELAY CLOCK BUFFER ( 12 Page)


IDT
100% 
Zoom Out Zoom In
 7 page
background image
7
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2305B
3.3VZERODELAYCLOCKBUFFER
All Outputs Rise/Fall Time
Input to Output Propagation Delay
Device to Device Skew
Output to Output Skew
Duty Cycle Timing
SWITCHING WAVEFORMS
Test Circuit 1 (all Parameters Except t8)
Test Circuit 2 (t8, Output Slew Rate On -1H Devices)
TEST CIRCUITS
VDD
OUTPUTS
VDD
GND
GND
0.1 F
0.1 F
VDD
OUTPUTS
10pF
VDD
GND
GND
0.1 F
0.1 F
1K
1K
CLOAD
CLKOUT
CLKOUT
Output
1.4V
1.4V
t5
Output
REF
VDD/2
t6
Output
CLKOUT
Device 1
t7
CLKOUT
Device 2
VDD/2
VDD/2
VDD/2
1.4V
1.4V
t2
t1
1.4V
2V
0.8V
t3
t4
0.8V
3.3V
0V
2V
Output



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl