Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9173B-15CS08LF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 9173B-15CS08LF
Description  VIDEO GENLOCK PLL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9173B-15CS08LF Datasheet(HTML) 5 Page - Integrated Device Technology

  9173B-15CS08LF Datasheet HTML 1Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 2Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 3Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 4Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 5Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 6Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 7Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 8Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IDT9173B
VIDEO GENLOCK PLL
CLOCK SYNTHESIZER
IDT™ VIDEO GENLOCK PLL
5
IDT9173B
REV A 092308
DC Electrical Characteristics
Unless stated otherwise, VDD = 5 V ±5%, Ambient Temperature 0 to +70
° C
Notes:
1. Duty cycle measured at 1.4 V.
2. Input Reference Frequency = 25 kHz, Output Frequency = 25 MHz. Jitter measured between adjacent vertical
pixels.
3. CLK1 frequency applies for FS = 0. For FS = 1 condition, divide allowable CLK1 range by the factor of 4.
AC Electrical Characteristics
Unless stated otherwise, VDD = 5 V ±5%, Ambient Temperature 0 to +70
° C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Supply Current
IDD
No load,50 MHz
20
50
mA
Input Low Voltage
VIH
VDD = 5 V
0.8
V
Input High Voltage
VIL
VDD = 5 V
2.0
V
Input Low Current
IIL
VIN = 0V
-5
µA
Input High Current
IIH
VIN = VDD
-5
5
µA
Output Low Voltage
VOL
IOL = 8 mA
0.4
V
Output High Voltage 1
VOH1
IOH = -1 mA
VDD-0.4
V
Output High Voltage 1
VOH2
IOH = -4 mA
VDD-0.8
V
Output High Voltage 1
VOH3
IOH = -8 mA
2.4
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Clock Rise Time 1
ICLKr
10
ns
Output Clock Fall Time 1
ICLKf
10
ns
Output Rise Time 1
tr1
15 pF load, 20% to 80%
0.6
1.5
ns
Output Rise Time 1
tr2
15 pF load, 20% to 80%
1.4
3.0
ns
Output Fall Time 1
tf1
15 pF load, 80% to 20%
0.8
2.0
ns
Output Fall Time 1
tf2
15 pF load, 80% to 20%
0.8
2.0
ns
Output Duty Cycle 1
15 pF load
40
47
55
%
One-Sigma Jitter 1, 5
T1S1
CLK1 frequency 3, 25 MHz
120
250
ps
Jitter, Absolute 1, 5
TABS1
CLK1 frequency 3, 25 MHz
-400
±250
400
ps
One-Sigma Jitter 1, 5
T1S2
CLK1 frequency < 25 MHz
1
%
Jitter, Absolute 1, 5
TABS2
CLK1 frequency < 25 MHz
2
%
Line-to-Line Jitter 1, Absolute 2
TLABS
±4
ns
Input Frequency 1, IN or FBIN
fIN
see allowable fi below
12
1000
kHz


Similar Part No. - 9173B-15CS08LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9173B-15CS08LF RENESAS-9173B-15CS08LF Datasheet
361Kb / 10P
   VIDEO GENLOCK PLL
012913
9173B-15CS08LFT RENESAS-9173B-15CS08LFT Datasheet
361Kb / 10P
   VIDEO GENLOCK PLL
012913
More results

Similar Description - 9173B-15CS08LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9173-01 ICST-AV9173-01 Datasheet
148Kb / 6P
   Video Genlock PLL
MK9173-01 ICST-MK9173-01 Datasheet
163Kb / 7P
   Video Genlock PLL
AV9173-15 ICST-AV9173-15 Datasheet
148Kb / 6P
   Video Genlock PLL
logo
Renesas Technology Corp
ICS9173B RENESAS-ICS9173B Datasheet
361Kb / 10P
   VIDEO GENLOCK PLL
012913
logo
Integrated Device Techn...
AV9173-15 IDT-AV9173-15 Datasheet
151Kb / 6P
   Video Genlock PLL
logo
Integrated Circuit Syst...
ICS9173-01 ICST-ICS9173-01 Datasheet
122Kb / 7P
   Video Genlock PLL
logo
Integrated Device Techn...
ICS9173B IDT-ICS9173B Datasheet
309Kb / 9P
   VIDEO GENLOCK PLL
logo
NXP Semiconductors
SAA7199B PHILIPS-SAA7199B Datasheet
188Kb / 40P
   Digital Video Encoder DENC GENLOCK-capable
1996 Sep 27
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
   Multi-Rate Video Clock Generator with Genlock
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   Multi-Rate Video Clock Generator with Genlock
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com