Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC482ST89E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC482ST89E
Description  SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC482ST89E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC482ST89E Datasheet HTML 1Page - Hittite Microwave Corporation HMC482ST89E Datasheet HTML 2Page - Hittite Microwave Corporation HMC482ST89E Datasheet HTML 3Page - Hittite Microwave Corporation HMC482ST89E Datasheet HTML 4Page - Hittite Microwave Corporation HMC482ST89E Datasheet HTML 5Page - Hittite Microwave Corporation HMC482ST89E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 143
Outline Drawing
Absolute Maximum Ratings
Collector Bias Voltage (Vcc)
+6.0 Vdc
RF Input Power (RFIN)(Vcc = +5 Vdc)
+14 dBm
Junction Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 14.5 mW/°C above 85 °C)
0.94 W
Thermal Resistance
(junction to lead)
69 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
HMC482ST89 / 482ST89E
SiGe HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 5 GHz
v04.0710
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC482ST89
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H482
XXXX
HMC482ST89E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H482
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
NOTES:
1. PACKAGE BODY MATERIAL:
MOLDING COMPOUND MP-180S OR EQUIVALENT.
2. LEAD MATERIAL: Cu w/ Ag SPOT PLATING.
3. LEAD PLATING: 100% MATTE TIN.
4. DIMENSIONS ARE IN INCHES [MILLIMETERS]
5. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
6. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
7. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.


Similar Part No. - HMC482ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC482ST89E HITTITE-HMC482ST89E Datasheet
333Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
More results

Similar Description - HMC482ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC481MP86 HITTITE-HMC481MP86_10 Datasheet
225Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481ST89 HITTITE-HMC481ST89_10 Datasheet
230Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC479MP86 HITTITE-HMC479MP86_10 Datasheet
224Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC479ST89 HITTITE-HMC479ST89_10 Datasheet
238Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC478SC70 HITTITE-HMC478SC70_09 Datasheet
211Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC471MS8G HITTITE-HMC471MS8G_09 Datasheet
307Kb / 8P
   SiGe HBT DUAL CHANNEL GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC478ST89 HITTITE-HMC478ST89_10 Datasheet
237Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC478ST89 HITTITE-HMC478ST89 Datasheet
335Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4.0 GHz
HMC479ST89 HITTITE-HMC479ST89 Datasheet
234Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC476SC70 HITTITE-HMC476SC70 Datasheet
264Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com