Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC478MP86 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC478MP86
Description  SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC478MP86 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC478MP86_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC478MP86_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC478MP86_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC478MP86_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC478MP86_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC478MP86_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 1
HMC478MP86 / 478MP86E
SiGe HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 4 GHz
v03.0810
General Description
Functional Diagram
The HMC478MP86 & HMC478MP86E are SiGe
Heterojunction Bipolar Transistor (HBT) Gain Block
MMIC SMT amplifiers covering DC to 4 GHz. This
Micro-P packaged amplifier can be used as a cas-
cadable 50 Ohm RF/IF gain stage as well as a
LO or PA driver with up to +20 dBm output power.
The HMC478MP86(E) offers 22 dB of gain with a
+32 dBm output IP3 at 850 MHz while requiring only
62 mA from a single positive supply. The Darlington
feedback pair used results in reduced sensitivity to
normal process variations and excellent gain stability
over temperature while requiring a minimal number of
external bias components.
P1dB Output Power: +18 dBm
Gain: 22 dB
Output IP3: +32 dBm
Cascadable 50 Ohm I/Os
Single Supply: +5V to +8V
Robust 1,000V ESD, Class 1C
Included in the HMC-DK001 Designer’s Kit
Typical Applications
The HMC478MP86 / HMC478MP86E is an ideal RF/
IF gain block & LO or PA driver:
• Cellular / PCS / 3G
• Fixed Wireless & WLAN
• CATV, Cable Modem & DBS
• Microwave Radio & Test Equipment
Electrical Specifications, Vs= 5V, Rbias= 18 Ohm, T
A = +25° C
Note: Data taken with broadband bias tee on device output.
Parameter
Min.
Typ.
Max.
Units
Gain
DC - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
19
15
13
11
22
18
16
14
dB
dB
dB
dB
Gain Variation Over Temperature
DC - 4 GHz
0.015
0.02
dB/ °C
Input Return Loss
DC - 1.0 GHz
1.0 - 3.0 GHz
3.0 - 4.0 GHz
15
12
13
dB
dB
dB
Output Return Loss
DC - 1.0 GHz
1.0 - 4.0 GHz
20
17
dB
dB
Reverse Isolation
DC - 4 GHz
20
dB
Output Power for 1 dB Compression (P1dB)
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
15
13
11
9
18
16
14
12
dBm
dBm
dBm
dBm
Output Third Order Intercept (IP3)
(Pout= 0 dBm per tone, 1 MHz spacing)
0.5 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
32
29
25
dBm
dBm
dBm
Noise Figure
DC - 3.0 GHz
3.0 - 4.0 GHz
2.5
3.5
dB
dB
Supply Current (Icq)
62
mA
Features


Similar Part No. - HMC478MP86_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC478MP86 HITTITE-HMC478MP86 Datasheet
218Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4.0 GHz
More results

Similar Description - HMC478MP86_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC478SC70 HITTITE-HMC478SC70_09 Datasheet
211Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC478ST89 HITTITE-HMC478ST89_10 Datasheet
237Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC478SC70 HITTITE-HMC478SC70 Datasheet
262Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC482ST89 HITTITE-HMC482ST89_10 Datasheet
244Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481MP86 HITTITE-HMC481MP86_10 Datasheet
225Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481ST89 HITTITE-HMC481ST89_10 Datasheet
230Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC478ST89 HITTITE-HMC478ST89 Datasheet
335Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4.0 GHz
HMC479ST89 HITTITE-HMC479ST89 Datasheet
234Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC476SC70 HITTITE-HMC476SC70 Datasheet
264Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC474MP86 HITTITE-HMC474MP86 Datasheet
309Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com