Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC476SC70 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC476SC70
Description  SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC476SC70 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC476SC70_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC476SC70_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC476SC70_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC476SC70_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC476SC70_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC476SC70_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 88
Gain, Power & OIP3 vs. Supply Voltage
for Constant Icc = 35 mA @ 850 MHz
P1dB vs. Temperature
Psat vs. Temperature
Output IP3 vs. Temperature
Icc vs. Vcc Over Temperature for
Fixed Vs = 5V, RBIAS = 56 Ohms
HMC476SC70 / 476SC70E
SiGe HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 6 GHz
v01.0110
0
3
6
9
12
15
18
012345
6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
3
6
9
12
15
18
012345
6
+25C
+85C
-40C
FREQUENCY (GHz)
10
14
18
22
26
30
012345
6
+25C
+85C
-40C
FREQUENCY (GHz)
0
4
8
12
16
20
24
28
56
78
9
10
Gain
P1dB
Psat
IP3
Vs (Vdc)
30
32
34
36
38
40
42
2.7
2.8
2.9
3
3.1
3.2
Vcc (V)
+85 C
+25 C
-40 C


Similar Part No. - HMC476SC70_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC476SC70E HITTITE-HMC476SC70E Datasheet
264Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
More results

Similar Description - HMC476SC70_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC476MP86 HITTITE-HMC476MP86_10 Datasheet
228Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC476SC70 HITTITE-HMC476SC70 Datasheet
264Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC474MP86 HITTITE-HMC474MP86_09 Datasheet
224Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC474SC70 HITTITE-HMC474SC70_09 Datasheet
215Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC474SC70 HITTITE-HMC474SC70 Datasheet
257Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC482ST89 HITTITE-HMC482ST89_10 Datasheet
244Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC478SC70 HITTITE-HMC478SC70_09 Datasheet
211Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC478ST89 HITTITE-HMC478ST89_10 Datasheet
237Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC481MP86 HITTITE-HMC481MP86_10 Datasheet
225Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481ST89 HITTITE-HMC481ST89_10 Datasheet
230Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com