Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

475ST89E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 475ST89E
Description  InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

475ST89E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  475ST89E Datasheet HTML 1Page - Hittite Microwave Corporation 475ST89E Datasheet HTML 2Page - Hittite Microwave Corporation 475ST89E Datasheet HTML 3Page - Hittite Microwave Corporation 475ST89E Datasheet HTML 4Page - Hittite Microwave Corporation 475ST89E Datasheet HTML 5Page - Hittite Microwave Corporation 475ST89E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 74
HMC475ST89 / 475ST89E
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 4.5 GHz
v02.0710
Functional Diagram
General Description
The HMC475ST89(E) is a InGaP Heterojunction
Bipolar Transistor (HBT) Gain Block MMIC SMT
amplifier covering DC to 4.5 GHz. Packaged in an
industry standard SOT89, the amplifier can be used
as a cascadable 50 Ohm RF/IF gain stage as well as
a LO or PA driver with up to +25 dBm output power.
The HMC475ST89(E) offers 21.5 dB of gain and +35
dBm output IP3 at 850 MHz while requiring only 110
mA from a single positive supply. The Darlington
topology results in reduced sensitivity to normal
process variations and excellent gain stability over
temperature while requiring a minimal number of
external bias components.
Typical Applications
The HMC475ST89 / HMC475ST89E is an ideal RF/IF
gain block & LO or PA driver:
• Cellular / PCS / 3G
• Fixed Wireless & WLAN
• CATV, Cable Modem & DBS
• Microwave Radio & Test Equipment
• IF and RF Applications
Electrical Specifications, Vs= 8.0 V, Rbias= 9.1 Ohm, T
A = +25° C
Parameter
Min.
Typ.
Max.
Units
Gain
DC - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
4.0 - 4.5 GHz
19.5
17.5
14.5
11.5
9
21.5
19.5
16.5
13.5
12
dB
dB
dB
dB
dB
Gain Variation Over Temperature
DC - 4.5 GHz
0.008
0.012
dB/ °C
Input Return Loss
DC - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 4.5 GHz
11
14
14
dB
dB
dB
Output Return Loss
DC - 1.0 GHz
1.0 - 4.5 GHz
13
10
dB
dB
Reverse Isolation
DC - 4.5 GHz
25
dB
Output Power for 1 dB Compression (P1dB)
DC - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
4.0 - 4.5 GHz
19.0
18.0
17.5
13.0
11.0
22.0
21.0
19.5
16.0
14.0
dBm
dBm
dBm
dBm
dBm
Output Third Order Intercept (IP3)
(Pout= 0 dBm per tone, 1 MHz spacing)
DC - 2.5 GHz
2.5 - 4.5 GHz
35
30
dBm
dBm
Noise Figure
DC - 3.0 GHz
3.0 - 4.5 GHz
3.5
3.8
dB
dB
Supply Current (Icq)
110
135
mA
Note: Data taken with broadband bias tee on device output.
Features
P1dB Output Power: +22 dBm
Gain: 21.5 dB
Output IP3: +35 dBm
Cascadable 50 Ohm I/Os
Single Supply: +8V to +12V
Industry Standard SOT89 Package


Similar Part No. - 475ST89E

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
475STF035M ILLINOISCAPACITOR-475STF035M Datasheet
174Kb / 2P
   105C, 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
475STF035M ILLINOISCAPACITOR-475STF035M Datasheet
203Kb / 2P
   5mm Height ??Lead free leads
475STF035M ILLINOISCAPACITOR-475STF035M Datasheet
132Kb / 1P
   Radial Lead Low Profile
475STF050M ILLINOISCAPACITOR-475STF050M Datasheet
174Kb / 2P
   105C, 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
475STF050M ILLINOISCAPACITOR-475STF050M Datasheet
203Kb / 2P
   5mm Height ??Lead free leads
More results

Similar Description - 475ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC475ST89 HITTITE-HMC475ST89 Datasheet
271Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4.5 GHz
HMC580ST89 HITTITE-HMC580ST89 Datasheet
272Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
HMC589ST89 HITTITE-HMC589ST89 Datasheet
618Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC589ST89 HITTITE-HMC589ST89_10 Datasheet
212Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC396 HITTITE-HMC396_09 Datasheet
183Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC396 HITTITE-HMC396 Datasheet
215Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8.0 GHz
HMC405 HITTITE-HMC405_07 Datasheet
197Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
HMC311ST89 HITTITE-HMC311ST89 Datasheet
248Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
HMC395 HITTITE-HMC395 Datasheet
200Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4.0 GHz
HMC311SC70 HITTITE-HMC311SC70_09 Datasheet
239Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com