Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC474MP86 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC474MP86
Description  SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC474MP86 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC474MP86 Datasheet HTML 1Page - Hittite Microwave Corporation HMC474MP86 Datasheet HTML 2Page - Hittite Microwave Corporation HMC474MP86 Datasheet HTML 3Page - Hittite Microwave Corporation HMC474MP86 Datasheet HTML 4Page - Hittite Microwave Corporation HMC474MP86 Datasheet HTML 5Page - Hittite Microwave Corporation HMC474MP86 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 60
HMC474MP86 / 474MP86E
SiGe HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 6 GHz
v01.0906
General Description
Functional Diagram
The HMC474MP86 & HMC474MP86E are general
purpose SiGe Heterojunction Bipolar Transistor (HBT)
Gain Block MMIC SMT amplifiers covering DC to 6
GHz. This Micro-P packaged amplifier can be used
as a cascadable 50 Ohm RF/IF gain stage with up to
+10 dBm output power. The HMC474MP86(E) offer
15.5 dB of gain with a +22 dBm output IP3 at 850
MHz while requiring only 25 mA from a single positive
supply. The Darlington feedback pair used results in
reduced sensitivity to normal process variations and
excellent gain stability over temperature while requiring
a minimal number of external bias components.
Gain: 15.5 dB
P1dB Output Power: +8 dBm
Output IP3: +22 dBm
Cascadable 50 Ohm I/Os
Single Supply: +3V to +10V
Included in the HMC-DK001 Designer’s Kit
Typical Applications
The HMC474MP86 & HMC474MP86E is an ideal
RF/IF gain block for:
• Cellular / PCS / 3G
• Fixed Wireless & WLAN
• CATV, Cable Modem & DBS
• Microwave Radio & Test Equipment
Electrical Specifications, Vs= 5V, Rbias= 110 Ohm, T
A = +25° C
Parameter
Min.
Typ.
Max.
Units
Gain
DC - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
4.0 - 5.0 GHz
5.0 - 6.0 GHz
13
12
10
9
8
7
15.5
14
12
11
10
9
dB
dB
dB
dB
dB
dB
Gain Variation Over Temperature
DC - 6 GHz
0.01
0.015
dB/ °C
Input Return Loss
DC - 1.0 GHz
1.0 - 4.0 GHz
4.0 - 5.0 GHz
5.0 - 6.0 GHz
15
16
19
16
dB
dB
dB
dB
Output Return Loss
DC - 5 GHz
5.0 - 6.0 GHz
17
13
dB
dB
Reverse Isolation
DC - 4 GHz
17
dB
Output Power for 1 dB Compression (P1dB)
0.5 - 4.0 GHz
4.0 - 5.0 GHz
5.0 - 6.0 GHz
5
4
3
8
7
6
dBm
dBm
dBm
Output Third Order Intercept (IP3)
(Pout= 0 dBm per tone, 1 MHz spacing)
0.5 - 4.0 GHz
4.0 - 5.0 GHz
5.0 - 6.0 GHz
22
20
17
dBm
dBm
dBm
Noise Figure
DC - 5 GHz
5.0 - 6.0 GHz
3
3.4
dB
dB
Supply Current (Icq)
25
mA
Note: Data taken with broadband bias tee on device output.
Features


Similar Part No. - HMC474MP86

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC474MP86 HITTITE-HMC474MP86 Datasheet
309Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
HMC474MP86E HITTITE-HMC474MP86E Datasheet
309Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
More results

Similar Description - HMC474MP86

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC476MP86 HITTITE-HMC476MP86_10 Datasheet
228Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC476SC70 HITTITE-HMC476SC70_10 Datasheet
211Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC476SC70 HITTITE-HMC476SC70 Datasheet
264Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC474SC70 HITTITE-HMC474SC70_09 Datasheet
215Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC474SC70 HITTITE-HMC474SC70 Datasheet
257Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC482ST89 HITTITE-HMC482ST89_10 Datasheet
244Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC478SC70 HITTITE-HMC478SC70_09 Datasheet
211Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC478ST89 HITTITE-HMC478ST89_10 Datasheet
237Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC481MP86 HITTITE-HMC481MP86_10 Datasheet
225Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481ST89 HITTITE-HMC481ST89_10 Datasheet
230Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com