Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC471MS8G Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC471MS8G
Description  SiGe HBT DUAL CHANNEL GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC471MS8G Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC471MS8G_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC471MS8G_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC471MS8G_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC471MS8G_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC471MS8G_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC471MS8G_09 Datasheet HTML 6Page - Hittite Microwave Corporation HMC471MS8G_09 Datasheet HTML 7Page - Hittite Microwave Corporation HMC471MS8G_09 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 58
Application Circuit for Balanced Operation
Recommended Component Values for Key Application Frequencies
Component
Frequency (MHz)
50
900
1900
2200
2400
3500
5000
L1, L2
270 nH
56 nH
18 nH
18 nH
15 nH
8.2 nH
6.8 nH
C4, C5, C9, C10
0.01 μF
100 pF
100 pF
100 pF
100 pF
100 pF
100 pF
Note:
1. External blocking capacitors are required on
RFIN and RFOUT.
2. RBIAS provides DC bias stability over temperature.
Recommended Bias Resistor Values
for Icc= 75 mA, Rbias= (Vs - Vcc) / Icc
Supply Voltage (Vs)
6V
8V
10V
12V
RBIAS VALUE
11 Ω
39 Ω
62 Ω
91 Ω
RBIAS POWER RATING
1/4 W
1/2 W
1/2 W
1 W
HMC471MS8G / 471MS8GE
SiGe HBT DUAL CHANNEL GAIN
BLOCK MMIC AMPLIFIER, DC - 5 GHz
v01.0605


Similar Part No. - HMC471MS8G_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC471MS8G HITTITE-HMC471MS8G Datasheet
314Kb / 8P
   SiGe HBT DUAL CHANNEL GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
More results

Similar Description - HMC471MS8G_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC469MS8G HITTITE-HMC469MS8G_09 Datasheet
306Kb / 8P
   SiGe HBT DUAL CHANNEL GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC482ST89 HITTITE-HMC482ST89_10 Datasheet
244Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481MP86 HITTITE-HMC481MP86_10 Datasheet
225Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481ST89 HITTITE-HMC481ST89_10 Datasheet
230Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC479MP86 HITTITE-HMC479MP86_10 Datasheet
224Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC479ST89 HITTITE-HMC479ST89_10 Datasheet
238Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC469MS8G HITTITE-HMC469MS8G Datasheet
310Kb / 8P
   SiGe HBT DUAL CHANNEL GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC471MS8G HITTITE-HMC471MS8G Datasheet
314Kb / 8P
   SiGe HBT DUAL CHANNEL GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC478SC70 HITTITE-HMC478SC70_09 Datasheet
211Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC478ST89 HITTITE-HMC478ST89_10 Datasheet
237Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com