Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HCT157AD Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC74HCT157AD
Description  Quad 2-Input Data Selector/Multiplexer with LSTTL-Compatible Inputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCT157AD Datasheet(HTML) 4 Page - Motorola, Inc

  MC74HCT157AD Datasheet HTML 1Page - Motorola, Inc MC74HCT157AD Datasheet HTML 2Page - Motorola, Inc MC74HCT157AD Datasheet HTML 3Page - Motorola, Inc MC74HCT157AD Datasheet HTML 4Page - Motorola, Inc MC74HCT157AD Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MC74HCT157A
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
4
INPUT A OR B
Figure 1.
Figure 2.
OUTPUT ENABLE
tPLH
tPHL
tr
tf
VCC
GND
tTHL
tTLH
10%
90%
Figure 3.
OUTPUT Y
SWITCHING WAVEFORMS
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 4. Test Circuit
tr
tf
3 V
GND
OUTPUT Y
tPHL
tPLH
0.3 V
1.3 V
2.7 V
90%
tTLH
tTHL
tr
tf
3 V
GND
SELECT
OUTPUT Y
tPHL
tPLH
tTLH
tTHL
10%
90%
EXPANDED LOGIC DIAGRAM
4
7
9
12
2
3
5
6
11
10
14
13
A0
B0
A1
B1
A2
B2
A3
B3
Y0
Y1
Y2
Y3
OUTPUT ENABLE
SELECT
DATA
OUTPUTS
NIBBLE
INPUTS
10%
1.3 V
0.3 V
1.3 V
2.7 V
1.3 V
0.3 V
1.3 V
2.7 V
1.3 V


Similar Part No. - MC74HCT157AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT125A ONSEMI-MC74HCT125A Datasheet
169Kb / 8P
   Quad 3-State Noninverting Buffer with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74HCT125A ONSEMI-MC74HCT125A Datasheet
85Kb / 6P
   Quad 3-State Noninverting Buffer
September, 2014 ??Rev. 2
MC74HCT125ADG ONSEMI-MC74HCT125ADG Datasheet
169Kb / 8P
   Quad 3-State Noninverting Buffer with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74HCT125ADG ONSEMI-MC74HCT125ADG Datasheet
85Kb / 6P
   Quad 3-State Noninverting Buffer
September, 2014 ??Rev. 2
MC74HCT125ADR2G ONSEMI-MC74HCT125ADR2G Datasheet
169Kb / 8P
   Quad 3-State Noninverting Buffer with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
More results

Similar Description - MC74HCT157AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT08A ONSEMI-MC74HCT08A Datasheet
151Kb / 7P
   Quad 2-Input AND Gate with LSTTL Compatible Inputs
November, 2009 ??Rev. 8
MC74HCT32A ONSEMI-MC74HCT32A Datasheet
163Kb / 8P
   Quad 2-Input OR Gate with LSTTL Compatible Inputs
November, 2009 ??Rev. 8
logo
System Logic Semiconduc...
SL74LS157 SLS-SL74LS157 Datasheet
30Kb / 3P
   Quad 2-Input Data Selector/Multiplexer
logo
Integral Corp.
IN74ACT157 INTEGRAL-IN74ACT157 Datasheet
154Kb / 5P
   Quad 2-Input Data Selector/Multiplexer
IN74ACT158 INTEGRAL-IN74ACT158 Datasheet
169Kb / 5P
   QUAD 2-INPUT DATA SELECTOR/MULTIPLEXER
IN74LS157 INTEGRAL-IN74LS157 Datasheet
144Kb / 3P
   Quad 2-Input Data Selector/Multiplexer
logo
KODENSHI_AUK CORP.
KK74LS157 KODENSHI-KK74LS157 Datasheet
249Kb / 4P
   Quad 2-Input Data Selector/Multiplexer
logo
ON Semiconductor
MC74HCT86A ONSEMI-MC74HCT86A Datasheet
166Kb / 8P
   Quad 2-Input Exclusive OR Gate with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74HCT132A ONSEMI-MC74HCT132A Datasheet
174Kb / 9P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74HCT132A ONSEMI-MC74HCT132A_16 Datasheet
91Kb / 8P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs with LSTTL Compatible Inputs
September, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com