Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9148-08 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS9148-08
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9148-08 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS9148-08 Datasheet HTML 1Page - Integrated Device Technology ICS9148-08 Datasheet HTML 2Page - Integrated Device Technology ICS9148-08 Datasheet HTML 3Page - Integrated Device Technology ICS9148-08 Datasheet HTML 4Page - Integrated Device Technology ICS9148-08 Datasheet HTML 5Page - Integrated Device Technology ICS9148-08 Datasheet HTML 6Page - Integrated Device Technology ICS9148-08 Datasheet HTML 7Page - Integrated Device Technology ICS9148-08 Datasheet HTML 8Page - Integrated Device Technology ICS9148-08 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
ICS9148-08
Byte 1: CPU,Active/Inactive Register
(1 = enable, 0 = disable)
Byte 2: PCIActive/Inactive Register(1 = enable, 0 = disable)
Byte 3: SDRAMActive/Inactive Register
(1 = enable, 0 = disable)
Notes:
1. Inactive means outputs are held LOW and are disabled
from switching.
Notes:
1. Inactive means outputs are held LOW and are disabled
from switching.
2.PCICLK5 only in Desktop Mode
Notes:
1. Inactive means outputs are held LOW and are disabled
from switching.
Bit
Pin #
PWD
Description
Bit 7
-
1
(Reserved)
Bit 6
-
1
(Reserved)
Bit 5
-
1
(Reserved)
Bit 4
-
1
(Reserved)
Bit 3
40
1
CPUCLK3 (Act/Inact)
Bit 2
41
1
CPUCLK2 (Act/Inact)
Bit 1
43
1
CPUCLK1 (Act/Inact)
Bit 0
44
1
CPUCLK0 (Act/Inact)
Bit
Pin #
PWD
Description
Bit 7
-
1
(Reserved)
Bit 6
7
1
PCICLK_F (Act/Inact)
Bit 5
15
1
PCICLK5 (Act/Inact)
(Desktop only)
Bit 4
14
1
PCICLK4 (Act/Inact)
Bit 3
12
1
PCICLK3 (Act/Inact)
Bit 2
11
1
PCICLK2 (Act/Inact)
Bit 1
10
1
PCICLK1 (Act/Inact)
Bit 0
8
1
PCICLK0 (Act/Inact)
Bit
Pin #
PWD
Description
Bit 7
28
1
SDRAM7 (Act/Inact)
Bit 6
29
1
SDRAM6 (Act/Inact)
Bit 5
31
1
SDRAM5 (Act/Inact)
Bit 4
32
1
SDRAM4 (Act/Inact)
Bit 3
34
1
SDRAM3 (Act/Inact)
Bit 2
35
1
SDRAM2 (Act/Inact)
Bit 1
37
1
SDRAM1 (Act/Inact)
Bit 0
38
1
SDRAM0 (Act/Inact)
Byte 4: SDRAM Active/Inactive Register
(1 = enable, 0 = disable)
Notes:
1. Inactive means outputs are held LOW and are disabled
from switching. These outputs are designed to be
configured at power-on and are not expected to be
configured during the normal modes of operation.
Bit
Pin #
PWD
Description
Bit 7
-
1
(Reserved)
Bit 6
-
1
(Reserved)
Bit 5
-
1
(Reserved)
Bit 4
-
1
(Reserved)
Bit 3
17
1
SDRAM11 (Act/Inact)
Bit 2
18
1
SDRAM10 (Act/Inact)
Bit 1
20
1
SDRAM9 (Act/Inact)
Bit 0
21
1
SDRAM8 (Act/Inact)
Byte 5: Peripheral Active/Inactive Register
(1 = enable, 0 = disable)
Notes:
1. Inactive means outputs are held LOW and are disabled from
switching. These outputs are designed to be configured at
power-on and are not expected to be configured during the
normal modes of operation.
2. REF1 only in Desktop Mode
Bit
Pin #
PWD
Description
Bit 7
-
1
(Reserved)
Bit 6
-
1
(Reserved)
Bit 5
-
1
(Reserved)
Bit 4
47
1
IOAPIC0 (Act/Inact)
Bit 3
-
1
(Reserved)
Bit 2
-
1
(Reserved)
Bit 1
46
1
REF1 (Act/Inact)
Bit 0
2
1
REF0 (Act/Inact)
Bit
Pin #
PWD
Description
Bit 7
-
1
(Reserved)
Bit 6
-
1
(Reserved)
Bit 5
-
1
(Reserved)
Bit 4
-
1
(Reserved)
Bit 3
-
1
(Reserved)
Bit 2
-
1
(Reserved)
Bit 1
-
1
(Reserved)
Bit 0
-
1
(Reserved)
Note: PWD = Power-Up Default
Byte 6: Optional Register For Possible Future Requirements
Notes:
1. Byte 6 is reserved by Integrated Circuit Systems for
future applications.


Similar Part No. - ICS9148-08

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-08 ICST-ICS9148-08 Datasheet
474Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/Pro
ICS9148-08-PPP ICST-ICS9148-08-PPP Datasheet
474Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/Pro
More results

Similar Description - ICS9148-08

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Circuit Syst...
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9148-93 ICST-ICS9148-93 Datasheet
648Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-103 ICST-ICS9248-103 Datasheet
392Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9148-26 RENESAS-ICS9148-26 Datasheet
996Kb / 18P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9248-39 RENESAS-ICS9248-39 Datasheet
432Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com